Electronic Components Datasheet Search
  English  ▼

X  

EPR-89 Datasheet(PDF) 19 Page - Power Integrations, Inc.

Part # EPR-89
Description  Engineering Prototype Report for 2.0 W CV Adapter using LNK362P
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-89 Datasheet(HTML) 19 Page - Power Integrations, Inc.

Back Button EPR-89 Datasheet HTML 15Page - Power Integrations, Inc. EPR-89 Datasheet HTML 16Page - Power Integrations, Inc. EPR-89 Datasheet HTML 17Page - Power Integrations, Inc. EPR-89 Datasheet HTML 18Page - Power Integrations, Inc. EPR-89 Datasheet HTML 19Page - Power Integrations, Inc. EPR-89 Datasheet HTML 20Page - Power Integrations, Inc. EPR-89 Datasheet HTML 21Page - Power Integrations, Inc. EPR-89 Datasheet HTML 22Page - Power Integrations, Inc. EPR-89 Datasheet HTML 23Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
08-Nov-2005
EP-89 6.2 V, 322 mA Adapter
9.4
Regulation
9.4.1 Load
The output of this supply was characterized by making measurements at the end of a
6 foot long output cable. The DC resistance of the cable is approximately 0.2 Ω.
5
5.5
6
6.5
7
0
50
100
150
200
250
300
350
Output Current (mA)
115 VAC
230 VAC
Upper Limit
Lower Limit
Figure 10 –
Load Regulation, Room Temperature.
Page 19 of 32
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com