Electronic Components Datasheet Search
  English  ▼

X  

EPR-89 Datasheet(PDF) 23 Page - Power Integrations, Inc.

Part # EPR-89
Description  Engineering Prototype Report for 2.0 W CV Adapter using LNK362P
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-89 Datasheet(HTML) 23 Page - Power Integrations, Inc.

Back Button EPR-89 Datasheet HTML 19Page - Power Integrations, Inc. EPR-89 Datasheet HTML 20Page - Power Integrations, Inc. EPR-89 Datasheet HTML 21Page - Power Integrations, Inc. EPR-89 Datasheet HTML 22Page - Power Integrations, Inc. EPR-89 Datasheet HTML 23Page - Power Integrations, Inc. EPR-89 Datasheet HTML 24Page - Power Integrations, Inc. EPR-89 Datasheet HTML 25Page - Power Integrations, Inc. EPR-89 Datasheet HTML 26Page - Power Integrations, Inc. EPR-89 Datasheet HTML 27Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
08-Nov-2005
EP-89 6.2 V, 322 mA Adapter
11.3 Drain Voltage and Current Start-up Profile
Figure 17
– 85 VAC Input and Maximum Load.
Upper: IDRAIN, 0.1 A / div.
Lower: VDRAIN, 100 V & 1 ms / div.
Figure 18
– 265 VAC Input and Maximum Load.
Upper: IDRAIN, 0.1 A / div.
Lower: VDRAIN, 200 V & 1 ms / div.
11.4 Load Transient Response (75% to 100% Load Step)
Figure 19
– Transient Response, 115 VAC, 100-75-
100% Load Step.
Output Voltage
50 mV, 20 ms / div.
Figure 20
– Transient Response, 230 VAC, 100-75-
100% Load Step.
Output Voltage
50 mV, 20 ms / div.
Page 23 of 32
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com