Electronic Components Datasheet Search
  English  ▼

X  

18F2420 Datasheet(PDF) 9 Page - Microchip Technology

Part # 18F2420
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F2420 Datasheet(HTML) 9 Page - Microchip Technology

Back Button 18F2420 Datasheet HTML 5Page - Microchip Technology 18F2420 Datasheet HTML 6Page - Microchip Technology 18F2420 Datasheet HTML 7Page - Microchip Technology 18F2420 Datasheet HTML 8Page - Microchip Technology 18F2420 Datasheet HTML 9Page - Microchip Technology 18F2420 Datasheet HTML 10Page - Microchip Technology 18F2420 Datasheet HTML 11Page - Microchip Technology 18F2420 Datasheet HTML 12Page - Microchip Technology 18F2420 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
© 2005 Microchip Technology Inc.
DS80209D-page 9
PIC18F2420/2520/4420/4520
24. Module: EUSART
The EUSART auto-baud feature may periodically
measure the incoming baud rate incorrectly. The
rate of incorrect baud rate measurements will
depend on the frequency of the incoming
synchronization
byte
and
the
system
clock
frequency.
Work around
None.
25. Module: EUSART
In Synchronous mode (SYNC = 1) with clock
polarity high (SCKP = 1), the EUSART transmits a
shorter than expected clock on the CK pin for bit 0.
Work around
None.
26. Module: EUSART
In Synchronous mode, EUSART baud rates using
SPBRG values of ‘0’ and ‘1’ may not function
correctly.
Work around
Use another baud rate configuration to generate
the desired baud rate.
27. Module: MSSP
In an I2C™ system with multiple slave nodes, an
unaddressed slave may respond to bus activity
when data on the bus matches its address. The
first occurrence will set the BF bit. The second
occurrence will set the BF and SSPOV bits. In both
situations, the SSPIF bit is not set and an interrupt
will not occur. The device will vector to the Interrupt
Service Routine only if the interrupt is enabled and
an address match occurs.
Work around
The I2C slave must clear the SSPOV bit after each
I2C address match to maintain normal operation.
28. Module: MSSP
In I2C Master mode, the BRG value of ‘0’ may not
work correctly.
Work around
Use a BRG value greater than ‘0’ by setting
SSPADD
≥ 1.
29. Module: MSSP
In I2C Master mode, the RCEN bit is set by soft-
ware to begin data reception and cleared by the
peripheral after a byte is received. After a byte is
received, the device may take up to 80 TCY to clear
RCEN and 800 TCY when using MPLAB® ICD 2
and MPLAB ICE emulators.
Work around
Single byte receptions are typically not affected,
since the delay between byte receptions is
typically long enough for the RCEN bit to clear. For
multiple byte receptions, the software must wait
until the bit is cleared by the peripheral before the
next byte can be received.
30. Module: MSSP
Setting the SEN bit initiates a Start sequence on
the bus, after which, the SEN bit is cleared auto-
matically by hardware. If the SEN bit is set again
(without an address byte being transmitted), a
Start sequence will not commence and the SEN bit
will not be cleared. This condition causes the bus
to remain in an active state. The system is Idle
when ACKEN, RCEN, PEN, RSEN and SEN are
clear.
Work around
Set the PEN or RSEN bit to transmit a Stop or
Repeated Start sequence, although the SEN bit
may still be set, indicating the bus is active. After
the sequence has completed, the PEN, RSEN and
SEN bit will be clear, indicating the bus is Idle.
Clearing and setting the SSPEN bit will also reset
the I2C peripheral and clear the PEN, RSEN and
SEN status bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com