| Electronic Components Datasheet Search |
|
18F2420 Datasheet(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
18F2420 Datasheet(HTML) 10 Page - Microchip Technology |
|
10 / 16 page ![]() PIC18F2420/2520/4420/4520 DS80209D-page 10 © 2005 Microchip Technology Inc. 31. Module: MSSP In SPI mode, the Buffer Full flag (BF bit in the SSPSTAT register), the Write Collision Detect bit (WCOL bit in SSPCON1) and the Receive Overflow Indicator bit (SSPOV in SSPCON1) are not reset upon disabling the SPI module (by clearing the SSPEN bit in the SSPCON1 register). For example, if SSPBUF is full (BF bit is set) and the MSSP module is disabled and re-enabled, the BF bit will remain set. In SPI Slave mode, a sub- sequent write to SSPBUF will result in a write collision. Also, if a new byte is received, a receive overflow will occur. Work around Ensure that if the buffer is full, SSPBUF is read (thus clearing the BF flag) and WCOL is clear before disabling the MSSP module. If the module is configured in SPI Slave mode, ensure that the SSPOV bit is clear before disabling the module. 32. Module: MSSP (SPI Mode) When the SPI is using Timer2/2 as the clock source, a shorter than expected SCK pulse may occur on the first bit of the transmitted/received data (Figure 1). FIGURE 1: SCK PULSE VARIATION USING TIMER2/2 Work around To avoid producing the short pulse, turn off Timer2 and clear the TMR2 register, load the SSPBUF with the data to transmit and then turn Timer2 back on. Refer to Example 4 for sample code. EXAMPLE 4: AVOIDING THE INITIAL SHORT SCK PULSE SDO SCK Write SSPBUF bit 0 = 1 bit 1 = 0 bit 2 = 1 . . . . LOOP BTFSS SSPSTAT, BF ;Data received? ;(Xmit complete?) BRA LOOP ;No MOVF SSPBUF, W ;W = SSPBUF MOVWF RXDATA ;Save in user RAM MOVF TXDATA, W ;W = TXDATA BCF T2CON, TMR2ON ;Timer2 off CLRF TMR2 ;Clear Timer2 MOVWF SSPBUF ;Xmit New data BSF T2CON, TMR2ON ;Timer2 on |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |