Electronic Components Datasheet Search
  English  ▼

X  

AD9163BBCZ Datasheet(PDF) 59 Page - Analog Devices

Part # AD9163BBCZ
Description  16-Bit, 12 GSPS, RF DAC and Digital Upconverter
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9163BBCZ Datasheet(HTML) 59 Page - Analog Devices

Back Button AD9163BBCZ Datasheet HTML 55Page - Analog Devices AD9163BBCZ Datasheet HTML 56Page - Analog Devices AD9163BBCZ Datasheet HTML 57Page - Analog Devices AD9163BBCZ Datasheet HTML 58Page - Analog Devices AD9163BBCZ Datasheet HTML 59Page - Analog Devices AD9163BBCZ Datasheet HTML 60Page - Analog Devices AD9163BBCZ Datasheet HTML 61Page - Analog Devices AD9163BBCZ Datasheet HTML 62Page - Analog Devices AD9163BBCZ Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 126 page
background image
Data Sheet
AD9163
Rev. D | Page 59 of 126
APPLICATIONS INFORMATION
HARDWARE CONSIDERATIONS
Power Supply Recommendations
All the AD9163 supply domains must remain as noise free as
possible for the best operation. Power supply noise has a
frequency component that affects performance, and is specified in
volts rms terms.
An LC filter on the output of the power supply is recommended
to attenuate the noise, and must be placed as close to the AD9163
as possible. The VDD12_CLK supply is the most noise sensitive
supply on the device, followed by the VDD25_DAC and
VNEG_N1P2 supplies, which are the DAC output rails. It is
highly recommended that the VDD12_CLK be supplied by
itself with an ultralow noise regulator such as the ADM7154 or
ADP1761 to achieve the best phase noise performance possible.
Noisier regulators impose phase noise onto the DAC output.
The VDD12A supply can be connected to the digital DVDD
supply with a separate filter network. All of the SERDES 1.2 V
supplies can be connected to one regulator with separate filter
networks. The IOVDD supply can be connected to the VDD25_
DAC supply with a separate filter network, or can be powered
from a system controller (for example, a microcontroller), 1.8 V
to 3.3 V supply. The power supply sequencing requirement
must be met; therefore, a switch or other solution must be used
when connected to the IOVDD supply with VDD25_DAC.
Take note of the maximum power consumption numbers given
in Table 3 to ensure the power supply design can tolerate tempera-
ture and IC process variation extremes. The amount of current
drawn is dependent on the chosen use cases, and specifications
are provided for several use cases to illustrate examples and
contributions from individual blocks, and to assist in calculating
the maximum required current per supply.
Another consideration for the power supply design is peak
current handling capability. The AD9163 draws more current in
the main digital supply when synthesizing a signal with
significant amplitude variations, such as a modulated signal, as
compared to when in idle mode or synthesizing a dc signal.
Therefore, the power supply must be able to supply current
quickly to accommodate burst signals such as GSM, TDMA, or
other signals that have an on/off time domain response. Because
the amount of current variation depends on the signals used, it
is best to perform lab testing first to establish ranges. A typical
difference can be several hundred milliamperes.
Power Sequencing
The AD9163 requires power sequencing to avoid damage to the
DAC. A board design with the AD9163 must include a power
sequencer chip, such as the ADM1184, to ensure that the
domains power up in the correct order. The ADM1184 monitors
the level of power domains upon power-up. It sends an enable
signal to the next grouping of power domains. When all power
domains are powered up, a power-good signal is sent to the
system controller to indicate all power supplies are powered up.
The IOVDD, VDD12A, VDD12_CLK, and DVDD domains
must be powered up first. Then, the VNEG_N1P2, VDD_1P2,
PLL_CLK_VDD12, DVDD_1P2, and SYNC_VDD_3P3 can be
powered up. The VDD25_DAC domain must be powered up
last. There is no requirement for a power-down sequence.
Power and Ground Planes
Solid ground planes are recommended to avoid ground loops
and to provide a solid, uninterrupted ground reference for the
high speed transmission lines that require controlled impedances.
It is recommended that power planes be stacked between
ground layers for high frequency filtering. Doing so adds extra
filtering and isolation between power supply domains in
addition to the decoupling capacitors.
Do not use segmented power planes as a reference for controlled
impedances unless the entire length of the controlled impedance
trace traverses across only a single segmented plane. These and
additional guidelines for the topology of high speed transmission
lines are described in the JESD204B Serial Interface Inputs
(SERDIN0± to SERDIN7±) section.
For some applications, where highest performance and higher
output frequencies are required, the choice of PCB materials
significantly impacts results. For example, materials such as
polyimide or materials from the Rogers Corporation can be
used, for example, to improve tolerance to high temperatures
and improve performance. Rogers 4350 material is used for the
top three layers in some of the evaluation board designs:
between the top signal layer and the ground layer below it,
between the ground layer and an internal signal layer, and
between that signal layer and another ground layer.
JESD204B Serial Interface Inputs (SERDIN0± to
SERDIN7±)
When considering the layout of the JESD204B serial interface
transmission lines, there are many factors to consider to
maintain optimal link performance. Among these factors are
insertion loss, return loss, signal skew, and the topology of the
differential traces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com