Electronic Components Datasheet Search
  English  ▼

X  

AD9163BBCZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9163BBCZ
Description  16-Bit, 12 GSPS, RF DAC and Digital Upconverter
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9163BBCZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9163BBCZ Datasheet HTML 5Page - Analog Devices AD9163BBCZ Datasheet HTML 6Page - Analog Devices AD9163BBCZ Datasheet HTML 7Page - Analog Devices AD9163BBCZ Datasheet HTML 8Page - Analog Devices AD9163BBCZ Datasheet HTML 9Page - Analog Devices AD9163BBCZ Datasheet HTML 10Page - Analog Devices AD9163BBCZ Datasheet HTML 11Page - Analog Devices AD9163BBCZ Datasheet HTML 12Page - Analog Devices AD9163BBCZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 126 page
background image
Data Sheet
AD9163
Rev. D | Page 9 of 126
AC SPECIFICATIONS
VDD25_DAC = 2.5 V, VDD12A = VDD12_CLK = 1.2 V, VNEG_N1P2 = −1.2 V, DVDD = 1.2 V, IOVDD = 2.5 V, VDD_1P2 =
DVDD_1P2 = PLL_LDO_VDD12 = 1.2 V, SYNC_VDD_3P3 = 3.3 V, IOUTFS = 40 mA, TA = 25°C, unless otherwise noted.
Table 9. AC Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SPURIOUS-FREE DYNAMIC RANGE (SFDR)1
Single Tone, fDAC = 5000 MSPS
fOUT = 70 MHz
−82
dBc
fOUT = 500 MHz
−75
dBc
fOUT = 1000 MHz
−65
dBc
fOUT = 2000 MHz
−70
dBc
fOUT = 4000 MHz
FIR85 enabled
−60
dBc
Single Tone, fDAC = 5000 MSPS
−6 dBFS, shuffle enabled
fOUT = 70 MHz
−75
dBc
fOUT = 500 MHz
−75
dBc
fOUT = 1000 MHz
−70
dBc
fOUT = 2000 MHz
−75
dBc
fOUT = 4000 MHz
FIR85 enabled
−65
dBc
DOCSIS
fDAC = 3076 MSPS
fOUT = 70 MHz
Single carrier
−70
dBc
fOUT = 70 MHz
Four carriers
−70
dBc
fOUT = 70 MHz
Eight carriers
−67
dBc
fOUT = 950 MHz
Single carrier
−70
dBc
fOUT = 950 MHz
Four carriers
−68
dBc
fOUT = 950 MHz
Eight carriers
−64
dBc
Wireless Infrastructure
fDAC = 5000 MSPS
fOUT = 960 MHz
Two-carrier GSM signal at −9 dBFS;
across 925 MHz to 960 MHz band
−85
dBc
fOUT = 1990 MHz
Two-carrier GSM signal at −9 dBFS;
across 1930 MHz to 1990 MHz band
−81
dBc
ADJACENT CHANNEL POWER
fDAC = 5000 MSPS
fOUT = 877 MHz
One carrier, first adjacent channel
−79
dBc
fOUT = 877 MHz
Two carriers, first adjacent channel
−76
dBc
fOUT = 1887 MHz
One carrier, first adjacent channel
−74
dBc
fOUT = 1980 MHz
Four carriers, first adjacent channel
−70
dBc
INTERMODULATION DISTORTION
fDAC = 5000 MSPS, two-tone test
fOUT = 900 MHz
0 dBFS
−80
dBc
fOUT = 900 MHz
−6 dBFS, shuffle enabled
−80
dBc
fOUT = 1800 MHz
0 dBFS
−68
dBc
fOUT = 1800 MHz
−6 dBFS, shuffle enabled
−78
dBc
NOISE SPECTRAL DENSITY (NSD)
Single Tone, fDAC = 5000 MSPS
fOUT = 550 MHz
−168
dBm/Hz
fOUT = 960 MHz
−167
dBm/Hz
fOUT = 1990 MHz
−164
dBm/Hz
SINGLE SIDEBAND (SSB) PHASE NOISE AT OFFSET
fOUT = 3800 MHz, fDAC = 4000 MSPS
1 kHz
−119
dBc/Hz
10 kHz
−125
dBc/Hz
100 kHz
−135
dBc/Hz
1 MHz
−144
dBc/Hz
10 MHz
−156
dBc/Hz
1
See the Clock Input section for more details on optimizing SFDR and reducing the image of the fundamental with clock input tuning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com