Electronic Components Datasheet Search
  English  ▼

X  

AD9163BBCZ Datasheet(PDF) 97 Page - Analog Devices

Part # AD9163BBCZ
Description  16-Bit, 12 GSPS, RF DAC and Digital Upconverter
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9163BBCZ Datasheet(HTML) 97 Page - Analog Devices

Back Button AD9163BBCZ Datasheet HTML 93Page - Analog Devices AD9163BBCZ Datasheet HTML 94Page - Analog Devices AD9163BBCZ Datasheet HTML 95Page - Analog Devices AD9163BBCZ Datasheet HTML 96Page - Analog Devices AD9163BBCZ Datasheet HTML 97Page - Analog Devices AD9163BBCZ Datasheet HTML 98Page - Analog Devices AD9163BBCZ Datasheet HTML 99Page - Analog Devices AD9163BBCZ Datasheet HTML 100Page - Analog Devices AD9163BBCZ Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 126 page
background image
Data Sheet
AD9163
Rev. D | Page 97 of 126
Hex.
Addr. Name
Bits Bit Name
Settings
Description
Reset Access
0x32D SHORT_TPL_TEST_1
[7:0] SHORT_TPL_REF_SP_LSB
Short transport layer reference
sample LSB. This is the lower eight
bits of expected DAC sample. It is
used to compare with the received
DAC sample at the output of
JESD204B Rx.
0x0
R/W
0x32E SHORT_TPL_TEST_2
[7:0] SHORT_TPL_REF_SP_MSB
Short transport layer test reference
sample MSB. This is the upper eight
bits of expected DAC sample. It is
used to compare with the received
sample at JESD204B Rx output.
0x0
R/W
0x32F SHORT_TPL_TEST_3
[7:1] RESERVED
Reserved.
0x0
R
0
SHORT_TPL_FAIL
Short transport layer test fail. This bit
shows if the selected DAC sample
matches the reference sample. If
they match, the test passes;
otherwise, the test fails.
0x0
R
0 Test pass.
1 Test fail.
0x334 JESD_BIT_INVERSE_CTRL
[7:0] JESD_BIT_INVERSE
Each bit of this byte inverses the
JESD204B deserialized data from
one specific JESD204B Rx PHY. The
bit order matches the logical lane
order. For example, Bit 0 controls
Lane 0, Bit 1 controls Lane 1.
0x0
R/W
0x400 DID_REG
[7:0] DID_RD
Received ILAS configuration on
Lane 0. DID is the device ID number.
Link information received on Lane 0
as specified in Section 8.3 of
JESD204B.
0x0
R
0x401 BID_REG
[7:0] BID_RD
Received ILAS configuration on
Lane 0. BID is the bank ID, extension
to DID. Link information received on
Lane 0 as specified in Section 8.3 of
JESD204B.
0x0
R
0x402 LID0_REG
7
RESERVED
Reserved.
0x0
R
6
ADJDIR_RD
Received ILAS configuration on
Lane 0. ADJDIR is the direction to
adjust the DAC LMFC. Link
information received on Lane 0 as
specified in Section 8.3 of JESD204B.
0x0
R
5
PHADJ_RD
Received ILAS configuration on
Lane 0. PHADJ is the phase
adjustment request to DAC. Link
information received on Lane 0 as
specified in Section 8.3 of JESD204B.
0x0
R
[4:0] LL_LID0
Received ILAS LID configuration
on Lane 0. LID0 is the lane
identification for Lane 0. Link
information received on Lane 0 as
specified in Section 8.3 of
JESD204B.
0x0
R
0x403 SCR_L_REG
7
SCR_RD
Received ILAS configuration on
Lane 0. SCR is the Tx scrambling
status. Link information received
on Lane 0 as specified in
Section 8.3 of JESD204B.
0x0
R
0 Scrambling is disabled.
1 Scrambling is enabled.
[6:5] RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com