Electronic Components Datasheet Search
  English  ▼

X  

AD9163BBCZ Datasheet(PDF) 83 Page - Analog Devices

Part # AD9163BBCZ
Description  16-Bit, 12 GSPS, RF DAC and Digital Upconverter
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9163BBCZ Datasheet(HTML) 83 Page - Analog Devices

Back Button AD9163BBCZ Datasheet HTML 79Page - Analog Devices AD9163BBCZ Datasheet HTML 80Page - Analog Devices AD9163BBCZ Datasheet HTML 81Page - Analog Devices AD9163BBCZ Datasheet HTML 82Page - Analog Devices AD9163BBCZ Datasheet HTML 83Page - Analog Devices AD9163BBCZ Datasheet HTML 84Page - Analog Devices AD9163BBCZ Datasheet HTML 85Page - Analog Devices AD9163BBCZ Datasheet HTML 86Page - Analog Devices AD9163BBCZ Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 126 page
background image
Data Sheet
AD9163
Rev. D | Page 83 of 126
Hex.
Addr. Name
Bits Bit Name
Settings
Description
Reset Access
100 Automatically generate
FTW_LOAD_REQ after FTW3 is
written.
101 Automatically generate
FTW_LOAD_REQ after FTW4 is
written.
110 Automatically generate
FTW_LOAD_REQ after FTW5 is
written.
3
RESERVED
Reserved.
0x0
R
2
FTW_LOAD_SYSREF
FTW load and reset from rising
edge of SYSREF±.
0x0
R/W
1
FTW_LOAD_ACK
Frequency tuning word update
acknowledge.
0x0
R
0 FTW is not loaded.
1 FTW is loaded.
0
FTW_LOAD_REQ
Frequency tuning word update
request from SPI.
0x0
R/W
0 Clear FTW_LOAD_ACK.
1 0 to 1 transition loads the FTW.
0x114 FTW0
[7:0] FTW[7:0]
NCO frequency tuning word. This
is X in the equation fOUT = fDAC ×
(M/N) = fDAC × ((X + A/B)/248).
0x0
R/W
0x115 FTW1
[7:0] FTW[15:8]
NCO frequency tuning word. This
is X in the equation fOUT = fDAC ×
(M/N) = fDAC × ((X + A/B)/248).
0x0
R/W
0x116 FTW2
[7:0] FTW[23:16]
NCO frequency tuning word. This
is X in the equation fOUT = fDAC ×
(M/N) = fDAC × ((X + A/B)/248).
0x0
R/W
0x117 FTW3
[7:0] FTW[31:24]
NCO frequency tuning word. This
is X in the equation fOUT = fDAC ×
(M/N) = fDAC × ((X + A/B)/248).
0x0
R/W
0x118 FTW4
[7:0] FTW[39:32]
NCO frequency tuning word. This
is X in the equation fOUT = fDAC ×
(M/N) = fDAC × ((X + A/B)/248).
0x0
R/W
0x119 FTW5
[7:0] FTW[47:40]
NCO frequency tuning word. This
is X in the equation fOUT = fDAC ×
(M/N) = fDAC × ((X + A/B)/248).
0x0
R/W
0x11C PHASE_OFFSET0
[7:0] NCO_PHASE_OFFSET[7:0]
NCO phase offset.
0x0
R/W
0x11D PHASE_OFFSET1
[7:0] NCO_PHASE_OFFSET[15:8]
NCO phase offset.
0x0
R/W
0x124 ACC_MODULUS0
[7:0] ACC_MODULUS[7:0]
DDS modulus. This is B in the
equation fOUT = fDAC × (M/N) = fDAC
× ((X + A/B)/248). Note this
modulus value is used for all NCO
FTWs.
0x0
R/W
0x125 ACC_MODULUS1
[7:0] ACC_MODULUS[15:8]
DDS modulus. This is B in the
equation fOUT = fDAC × (M/N) = fDAC
× ((X + A/B)/248). Note this
modulus value is used for all NCO
FTWs.
0x0
R/W
0x126 ACC_MODULUS2
[7:0] ACC_MODULUS[23:16]
DDS modulus. This is B in the
equation fOUT = fDAC × (M/N) = fDAC ×
((X + A/B)/248). Note this modulus
value is used for all NCO FTWs.
0x0
R/W
0x127 ACC_MODULUS3
[7:0] ACC_MODULUS[31:24]
DDS modulus. This is B in the
equation fOUT = fDAC × (M/N) = fDAC ×
((X + A/B)/248). Note this modulus
value is used for all NCO FTWs.
0x0
R/W
0x128 ACC_MODULUS4
[7:0] ACC_MODULUS[39:32]
DDS modulus. This is B in the
equation fOUT = fDAC × (M/N) = fDAC ×
((X + A/B)/248). Note this modulus
value is used for all NCO FTWs.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com