Electronic Components Datasheet Search
  English  ▼

X  

AD9163BBCZ Datasheet(PDF) 92 Page - Analog Devices

Part # AD9163BBCZ
Description  16-Bit, 12 GSPS, RF DAC and Digital Upconverter
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9163BBCZ Datasheet(HTML) 92 Page - Analog Devices

Back Button AD9163BBCZ Datasheet HTML 88Page - Analog Devices AD9163BBCZ Datasheet HTML 89Page - Analog Devices AD9163BBCZ Datasheet HTML 90Page - Analog Devices AD9163BBCZ Datasheet HTML 91Page - Analog Devices AD9163BBCZ Datasheet HTML 92Page - Analog Devices AD9163BBCZ Datasheet HTML 93Page - Analog Devices AD9163BBCZ Datasheet HTML 94Page - Analog Devices AD9163BBCZ Datasheet HTML 95Page - Analog Devices AD9163BBCZ Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 126 page
background image
AD9163
Data Sheet
Rev. D | Page 92 of 126
Hex.
Addr. Name
Bits Bit Name
Settings
Description
Reset Access
0
LINK_EN
This bit brings up the JESD204B
receiver when all link parameters
are programmed and all clocks
are ready.
0x0
R/W
0x302 DYN_LINK_LATENCY_0
[7:5] RESERVED
Reserved.
0x0
R
[4:0] DYN_LINK_LATENCY_0
Measurement of the JESD204B
link delay (in PCLK units). Link 0
dynamic link latency. Latency
between current deframer LMFC
and the global LMFC.
0x0
R
0x304 LMFC_DELAY_0
[7:5] RESERVED
Reserved.
0x0
R
[4:0] LMFC_DELAY_0
Fixed part of the JESD204B link
delay (in PCLK units). Delay in frame
clock cycles for global LMFC for Link
0.
0x0
R/W
0x306 LMFC_VAR_0
[7:5] RESERVED
Reserved.
0x0
R
[4:0] LMFC_VAR_0
Variable part of the JESD204B link
delay (in PCLK units). Location in Rx
LMFC where JESD204B words are
read out from buffer. This setting
must not be more than 10 PCLKs.
0x1F R/W
0x308 XBAR_LN_0_1
[7:6] RESERVED
Reserved.
0x0
R
[5:3] SRC_LANE1
Select data from SERDIN0±,
SERDIN1±, …, or SERDIN7± for
Logic Lane 1.
0x1
R/W
000 Data is from SERDIN0±.
001 Data is from SERDIN1±.
010 Data is from SERDIN2±.
011 Data is from SERDIN3±.
100 Data is from SERDIN4±.
101 Data is from SERDIN5±.
110 Data is from SERDIN6±.
111 Data is from SERDIN7±.
[2:0] SRC_LANE0
Select data from SERDIN0±,
SERDIN1±, …, or SERDIN7± for
Logic Lane 0.
0x0
R/W
000 Data is from SERDIN0±.
001 Data is from SERDIN1±.
010 Data is from SERDIN2±.
011 Data is from SERDIN3±.
100 Data is from SERDIN4±.
101 Data is from SERDIN5±.
110 Data is from SERDIN6±.
111 Data is from SERDIN7±.
0x309 XBAR_LN_2_3
[7:6] RESERVED
Reserved.
0x0
R
[5:3] SRC_LANE3
Select data from SERDIN0±,
SERDIN1±, …, or SERDIN7± for
Logic Lane 3.
0x3
R/W
000 Data is from SERDIN0±.
001 Data is from SERDIN1±.
010 Data is from SERDIN2±.
011 Data is from SERDIN3±.
100 Data is from SERDIN4±.
101 Data is from SERDIN5±.
110 Data is from SERDIN6±.
111 Data is from SERDIN7±.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com