Electronic Components Datasheet Search
  English  ▼

X  

AD9176 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9176
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9176 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9176 Datasheet HTML 2Page - Analog Devices AD9176 Datasheet HTML 3Page - Analog Devices AD9176 Datasheet HTML 4Page - Analog Devices AD9176 Datasheet HTML 5Page - Analog Devices AD9176 Datasheet HTML 6Page - Analog Devices AD9176 Datasheet HTML 7Page - Analog Devices AD9176 Datasheet HTML 8Page - Analog Devices AD9176 Datasheet HTML 9Page - Analog Devices AD9176 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 151 page
background image
AD9176
Data Sheet
Rev. B | Page 6 of 151
POWER SUPPLY DC SPECIFICATIONS
AVDD1.0 = 1.0 V, AVDD1.8 = 1.8 V, DVDD1.0 = 1.0 V, DVDD1.8 = 1.8 V, SVDD1.0 = 1.0 V, and DAC output full-scale current (IOUTFS) =
20 mA, unless otherwise noted. For the minimum and maximum values, TJ = −40°C to +118°C. For the typical values, TA = 25°C, which
corresponds to TJ = 51°C.
Table 4.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DUAL-LINK MODES
Mode 1 (L = 2, M = 4,
NP = 16, N = 16)
11.7965 GSPS DAC rate, 184.32 MHz PLL reference clock, 32× total
interpolation (4×, 8×), 40 MHz tone at −3 dBFS, channel gain = −6 dB, channel
NCOs = ±150 MHz, main NCO = 2 GHz, SYNCOUTx± in LVDS mode
AVDD1.0
All supply levels set to nominal values
725
1020
mA
All supply levels set to 5% tolerance
775
1120
mA
AVDD1.8
110
130
mA
DVDD1.0
Combined current consumption with the DAVDD1.0 supply
All supply levels set to nominal values
1100
1670
mA
All supplies at 5% tolerance
1170
1850
mA
DVDD1.8
35
50
mA
SVDD1.0
All supply levels set to nominal values
290
510
mA
All supplies at 5% tolerance
305
560
mA
Total Power
Dissipation
2.37
3.38
W
Mode 4 (L = 4, M = 4,
NP = 16, N = 16)
11.7965 GSPS DAC rate, 491.52 MHz PLL reference clock, 24× total
interpolation (3×, 8×), 40 MHz tone at −3 dBFS, channel gain = −6 dB, channel
NCOs = ±150 MHz, main NCO = 2 GHz, SYNCOUTx± in LVDS mode
AVDD1.0
725
mA
AVDD1.8
110
mA
DVDD1.0
Combined current consumption with the DAVDD1.0 supply
1150
mA
DVDD1.8
35
mA
SVDD1.0
425
mA
Total Power
Dissipation
2.56
W
Mode 0 (L = 1, M = 2,
NP = 16, N = 16)
5.89824 GSPS DAC rate, 184.32 MHz PLL reference clock, 16× total
interpolation (2×, 8×), 40 MHz tone at −3 dBFS, channel NCO disabled,
main NCO = 1.8425 GHz, SYNCOUTx± in LVDS mode
AVDD1.0
All supply levels set to nominal values
400
670
mA
All supplies at 5% tolerance
425
745
mA
AVDD1.8
110
130
mA
DVDD1.0
Combined current consumption with the DAVDD1.0 supply
All supply levels set to nominal values
570
960
mA
All supplies at 5% tolerance
610
1070
mA
DVDD1.8
35
50
mA
SVDD1.0
175
340
mA
Total Power
Dissipation
1.40
2.15
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com