Electronic Components Datasheet Search
  English  ▼

X  

AD9176 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9176
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9176 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9176 Datasheet HTML 19Page - Analog Devices AD9176 Datasheet HTML 20Page - Analog Devices AD9176 Datasheet HTML 21Page - Analog Devices AD9176 Datasheet HTML 22Page - Analog Devices AD9176 Datasheet HTML 23Page - Analog Devices AD9176 Datasheet HTML 24Page - Analog Devices AD9176 Datasheet HTML 25Page - Analog Devices AD9176 Datasheet HTML 26Page - Analog Devices AD9176 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 151 page
background image
Data Sheet
AD9176
Rev. B | Page 23 of 151
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
1000
2000
3000
4000
5000
6000
7000
fDAC = 2949.12MHz
fDAC = 5898.24MHz
fDAC = 9830.4MHz
fDAC = 11796.48MHz
fOUT (MHz)
Figure 27. IMD3 vs. fOUT over fDAC (Mode 2), Channel Interpolation 4×,
Main Interpolation 8×, 1 MHz Tone Spacing
fOUT (MHz)
–120
–100
–80
–60
–40
–20
0
0
500
1000
1500
2000
–7dBFS
–12dBFS
–20dBFS
–17dBFS
Figure 28. IMD3 vs. fOUT over Digital Scale (Mode 12), 4 GHz DAC Sample Rate,
Channel Interpolation 1×, Main Interpolation 1×, 1 MHz Tone Spacing,
12-Bit Resolution
–120
–100
–80
–60
–40
–20
0
0
500
1000
1500
2000
2500
3000
3500
4000
4500
fOUT (MHz)
–7dBFS
–12dBFS
–17dBFS
–20dBFS
Figure 29. IMD3 vs. fOUT over Digital Scale (Mode 12), 8 GHz DAC Sampling
Rate, Channel Interpolation 1×, Main Interpolation 2×, 1 MHz Tone
Sapcing
fOUT (MHz)
–120
–100
–80
–60
–40
–20
0
0
1000
2000
3000
4000
5000
6000
7000
–7dBFS
–12dBFS
–17dBFS
–20dBFS
Figure 30. IMD3 vs. fOUT over Digital Scale (Mode 10), 12 GHz DAC Sample Rate,
Channel Interpolation 1×, Main Interpolation 4×, 1 MHz Tone Spacing
–170
–165
–160
–155
–150
–145
–140
–135
–130
0
500
1000
1500
2000
2500
fOUT (MHz)
SHUFFLE OFF
SHUFFLE ON
Figure 31. Single-Tone NSD Measured at 70 MHz vs. fOUT, 11796.48 MHz
fDAC, 16-Bit Resolution, for Different Shuffle Options
–170
–165
–160
–155
–150
–145
–140
–135
–130
0
500
1000
1500
2000
2500
fOUT (MHz)
fDAC = 5898.24MHz
fDAC = 9830.4MHz
fDAC = 11796.48MHz
Figure 32. NSD vs. fOUT over fDAC, 16-Bit Resolution, Shuffle On, Single Tone
Measured at 70 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com