Electronic Components Datasheet Search
  English  ▼

X  

AD9176 Datasheet(PDF) 73 Page - Analog Devices

Part # AD9176
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9176 Datasheet(HTML) 73 Page - Analog Devices

Back Button AD9176 Datasheet HTML 69Page - Analog Devices AD9176 Datasheet HTML 70Page - Analog Devices AD9176 Datasheet HTML 71Page - Analog Devices AD9176 Datasheet HTML 72Page - Analog Devices AD9176 Datasheet HTML 73Page - Analog Devices AD9176 Datasheet HTML 74Page - Analog Devices AD9176 Datasheet HTML 75Page - Analog Devices AD9176 Datasheet HTML 76Page - Analog Devices AD9176 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 151 page
background image
Data Sheet
AD9176
Rev. B | Page 73 of 151
START-UP SEQUENCE
Several steps are required to program the AD9176 to the proper
operating state after the device is powered up. This sequence is
divided into several steps, and is listed in Table 50 to Table 59,
along with an explanation of the purpose of each step. Private
registers are reserved but must be written for proper operation.
Blank cells or cells with a variable or bit field name (in all
capital letters) in Table 50 to Table 59 indicate that the value
depends on the result as described in the Description column.
Table 50. Power-Up and Required Register Writes
R/W
Register
Bits
Value
Description
W
0x000
[7:0]
0x81
Soft reset.
W
0x000
[7:0]
0x3C
Release reset and set to 4-wire SPI (optional; leave at the default of the 3-wire SPI).
W
0x091
[7:0]
0x00
Power up clock receiver.
W
0x206
[7:0]
0x01
Take PHYs out of reset.
W
0x705
[7:0]
0x01
Enable boot loader.
W
0x090
[7:0]
0x00
Power on DACs and bias circuitry.
Table 51. DAC PLL Configuration
R/W
Register
Bits
Value
Description
W
0x095
[7:0]
0x00 or 0x01
Bypass PLL. Set to 0x00 to use internal DAC PLL. If the user plans to supply the DAC clock
directly, set this register to 0x01 and execute the following two register writes; then, skip
the remaining writes in this table.
W
0x790
[7:0]
0xFF or 0x00
Write this register to 0xFF if bypassing the PLL (Register 0x095 = 0x01). If using the PLL,
write this register to 0x00.
W
0x791
[7:0]
0x1F or 0x00
Write this register to 0xFF if bypassing the PLL (Register 0x095 = 0x01) and then skip the
remaining register writes in this table and continue to Table 52. If using the PLL, write this
register to 0x00 as well as the remainder of the register writes in this table.
W
0x796
[7:0]
0xE5
DAC PLL required write.
W
0x7A0
[7:0]
0xBC
DAC PLL required write.
W
0x794
[5:0]
DACPLL_CP
Set DAC PLL charge pump current. The recommended setting is 0x08, but can range from
0x04 to 0x10 for different phase noise performance targets.
W
0x797
[7:0]
0x10
DAC PLL required write.
W
0x797
[7:0]
0x20
DAC PLL required write.
W
0x798
[7:0]
0x10
DAC PLL required write.
W
0x7A2
[7:0]
0x7F
DAC PLL required write.
Pause
Wait 100 ms.
W
0x799
DAC PLL divider settings.
[7:6]
ADC_CLK_DIVIDER
ADC driver/clock output divide ratio.
0b00 = ÷1.
0b01 = ÷2.
0b10 = ÷3.
0b11 = ÷4.
[5:0]
N_DIVIDER
Programmable N divider. N_DIVIDER = (fDAC × M_DIVIDER)/(8 × reference clock).
W
0x793
DAC PLL divider settings.
[7:2]
0x06
Keep default value for these bits.
[1:0]
M_DIVIDER_1
Programmable predivider M_DIVIDER_1 (in n − 1 notation). The relevant calculation is as
follows:
PFD Frequency = reference clock/M_DIVIDER
0b00 = ÷1.
0b01 = ÷2.
0b10 = ÷3.
0b11 = ÷4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com