Electronic Components Datasheet Search
  English  ▼

X  

AD9176 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9176
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9176 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9176 Datasheet HTML 16Page - Analog Devices AD9176 Datasheet HTML 17Page - Analog Devices AD9176 Datasheet HTML 18Page - Analog Devices AD9176 Datasheet HTML 19Page - Analog Devices AD9176 Datasheet HTML 20Page - Analog Devices AD9176 Datasheet HTML 21Page - Analog Devices AD9176 Datasheet HTML 22Page - Analog Devices AD9176 Datasheet HTML 23Page - Analog Devices AD9176 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 151 page
background image
AD9176
Data Sheet
Rev. B | Page 20 of 151
fOUT (MHz)
–120
–100
–80
–60
–40
–20
0
0
1000
2000
3000
4000
5000
6000
7000
0dBFS
–7dBFS
–12dBFS
–17dBFS
Figure 9. Second Harmonic (SFDR) vs. fOUT over Digital Scale (Mode 2),
12 GHz DAC Sample Rate, Channel Interpolation 4×, Main Interpolation 8×
fOUT (MHz)
0
1000
2000
3000
4000
5000
6000
7000
–120
–100
–80
–60
–40
–20
0
0dBFS
–7dBFS
–12dBFS
–17dBFS
Figure 10. Third Harmonic (SFDR) vs. fOUT over Digital Scale (Mode 2),
12 GHz DAC Sample Rate, Channel Interpolation 4×, Main Interpolation 8×
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
1000
2000
3000
4000
5000
6000
7000
fOUT (MHz)
0dBFS
–7dBFS
–12dBFS
–17dBFS
Figure 11. Worst Harmonic (SFDR) vs. fOUT over Digital Scale (Mode 2),
12 GHz DAC Sample Rate, Channel Interpolation 4×, Main Interpolation 8×
–120
–100
–80
–60
–40
–20
0
0
500
1000
1500
2000
fOUT (MHz)
0dBFS
–7dBFS
–12dBFS
–17dBFS
Figure 12. Second Harmonic (SFDR) vs. fOUT over Digital Scale (Mode 12),
4 GHz DAC Sample Rate, Channel Interpolation 1×, Main Interpolation 1×,
12-Bit Resolution
–120
–100
–80
–60
–40
–20
0
0
500
1000
1500
2000
fOUT (MHz)
0dBFS
–7dBFS
–12dBFS
–17dBFS
Figure 13. Third Harmonic (SFDR) vs. fOUT over Digital Scale (Mode 12),
4 GHz DAC Sample Rate, Channel Interpolation 1×, Main Interpolation 1×,
12-Bit Resolution
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
500
1000
1500
2000
fOUT (MHz)
0dBFS
–7dBFS
–12dBFS
–17dBFS
Figure 14. Worst Harmonic (SFDR) vs. fOUT over Digital Scale (Mode 12),
4 GHz DAC Sample Rate, Channel Interpolation 1×, Main Interpolation 1×,
12-Bit Resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com