Electronic Components Datasheet Search
  English  ▼

X  

AD9176 Datasheet(PDF) 94 Page - Analog Devices

Part # AD9176
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9176 Datasheet(HTML) 94 Page - Analog Devices

Back Button AD9176 Datasheet HTML 90Page - Analog Devices AD9176 Datasheet HTML 91Page - Analog Devices AD9176 Datasheet HTML 92Page - Analog Devices AD9176 Datasheet HTML 93Page - Analog Devices AD9176 Datasheet HTML 94Page - Analog Devices AD9176 Datasheet HTML 95Page - Analog Devices AD9176 Datasheet HTML 96Page - Analog Devices AD9176 Datasheet HTML 97Page - Analog Devices AD9176 Datasheet HTML 98Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 151 page
background image
AD9176
Data Sheet
Rev. B | Page 94 of 151
Addr.
Name
Bits
Bit Name
Settings
Description
Reset Access
0x051
CAL_CTRL
7
CAL_CTRL0
Calibration setting. Set this bit to 1.
0x1
R/W
0
Reset the calibration engine.
1
Enable the calibration routine.
[6:3]
RESERVED
Reserved.
0x0
R/W
[2:1]
CAL_CTRL1
Calibration mode selection. Set this bit field
to 1 for optimized calibration mode. Paged
by the MAINDAC_PAGE bits in Register
0x008.
0x1
R/W
1
Set calibration control setting.
0
CAL_START
Start calibration. After starting calibration, do
not write to any register from Register 0x051 to
Register 0x061 until Register 0x052, Bit 2
reads low (indicating that the calibration is
no longer active). Paged by the
MAINDAC_PAGE bits in Register 0x008.
0x0
R/W
0x052
CAL_STAT
[7:3]
RESERVED
Reserved.
0x0
R/W
2
CAL_ACTIVE
Calibration active status flag. A readback of 1
indicates the calibration routine is still in
progress. This control is paged by the
MAINDAC_PAGE bits in Register 0x008.
0x0
R
1
CAL_FAIL_SEARCH
Calibration failure flag. A readback of 1 indicates
the calibration routine failed and is possibly not
valid. This control is paged by the
MAINDAC_PAGE bits in Register 0x008.
0x0
R
0
CAL_FINISH
Calibration complete flag. A readback of 1
indicates the calibration completed. This
control is paged by the MAINDAC_PAGE bits
in Register 0x008.
0x0
R
0x05A
FSC1
[7:0]
FSC_CTRL[7:0]
Sets the full-scale (maximum) current that is
available from the DACx analog outputs. This
control is paged by the MAINDAC_
PAGE bits in Register 0x008. Full-scale current
= 15.625 mA + FSC_CTRL × (25/256) (mA).
0x28
R/W
0x061
CAL_DEBUG0
7
RESERVED
Reserved.
0x0
R/W
6
CAL_CTRL2
Calibration control. Set this bit to 1 for
optimized calibration setting.
0x1
R/W
5
CAL_CTRL3
Calibration control. Set this bit to 1 for
optimized calibration setting.
0x1
R/W
4
RESERVED
Reserved.
0x0
R/W
3
CAL_CTRL4
Calibration control. Set this bit to 1 for
optimized calibration setting.
0x0
R/W
[2:0]
RESERVED
Reserved.
0x0
R/W
0x081
CLK_CTRL
[7:2]
RESERVED
Reserved.
0x0
R/W
1
CAL_CLK_PD1
After the calibration is complete for DAC1
(Register 0x052, Bit 0 = 1), set this bit high to
power down the calibration clock.
0x0
R/W
0
CAL_CLK_PD0
After the calibration is complete for DAC0
(Register 0x052, Bit 0 = 1), set this bit high to
power down the calibration clock.
0x0
R/W
0x083
NVM_CTRL0
7
NVM_CTRL0A
NVM register control for the ring oscillator.
0x0
R/W
[6:2]
RESERVED
Reserved.
0x0
R
[1:0]
NVM_CTRL0B
NVM register control for the ring oscillator.
0x2
R/W
00
Divide by 8.
01
Divide by 16.
10
Divide by 32.
11
Divide by 64.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com