Electronic Components Datasheet Search
  English  ▼

X  

TDA4686 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA4686
Description  Video processor with automatic cut-off control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4686 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA4686 Datasheet HTML 1Page - NXP Semiconductors TDA4686 Datasheet HTML 2Page - NXP Semiconductors TDA4686 Datasheet HTML 3Page - NXP Semiconductors TDA4686 Datasheet HTML 4Page - NXP Semiconductors TDA4686 Datasheet HTML 5Page - NXP Semiconductors TDA4686 Datasheet HTML 6Page - NXP Semiconductors TDA4686 Datasheet HTML 7Page - NXP Semiconductors TDA4686 Datasheet HTML 8Page - NXP Semiconductors TDA4686 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
1997 Jun 23
5
Philips Semiconductors
Product specification
Video processor with automatic cut-off control
TDA4686
PINNING
SYMBOL PIN
DESCRIPTION
FSW2
1
fast switch 2 input
R2
2
red input 2
G2
3
green input 2
B2
4
blue input 2
VP
5
supply voltage
−(B − Y)
6
colour difference input
−(B − Y)
−(R − Y)
7
colour difference input
−(R − Y)
Y
8
luminance input
GND
9
ground
R1
10
red input 1
G1
11
green input 1
B1
12
blue input 1
FSW1
13
fast switch 1 input
SC
14
sandcastle pulse input
BCL
15
average beam current limiting input
CPDL
16
storage capacitor for peak drive
limiting
CL
17
storage capacitor for leakage current
VFB
18
vertical flyback pulse input
CI
19
cut-off measurement input
BO
20
blue output
CB
21
blue cut-off storage capacitor
GO
22
green output
CG
23
green cut-off storage capacitor
RO
24
red output
CR
25
red cut-off storage capacitor
HUE
26
hue control output
SDA
27
I2C-bus serial data input;
acknowledge output
SCL
28
I2C-bus serial clock input
SYMBOL PIN
DESCRIPTION
handbook, halfpage
TDA4686
MED716
1
2
3
4
5
6
7
8
9
10
11
12
13
14
FSW2
R2
G2
B2
VP
−(B − Y)
−(R − Y)
Y
GND
R1
G1
B1
FSW1
SC
SCL
SDA
HUE
CR
RO
CG
GO
CB
BO
CI
CL
VFB
CPDL
BCL
28
27
26
25
24
23
22
21
20
19
18
17
16
15
Fig.2 Pin configuration (DIP-version).
TDA4686WP
MED717
5
6
7
8
9
10
11
VP
−(B − Y)
−(R − Y)
Y
GND
R1
G1
CR
RO
CG
GO
CB
BO
CI
25
24
23
22
21
20
19
Fig.3 Pin configuration (PLCC-version).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com