Electronic Components Datasheet Search
  English  ▼

X  

TDA4686 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TDA4686
Description  Video processor with automatic cut-off control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4686 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TDA4686 Datasheet HTML 8Page - NXP Semiconductors TDA4686 Datasheet HTML 9Page - NXP Semiconductors TDA4686 Datasheet HTML 10Page - NXP Semiconductors TDA4686 Datasheet HTML 11Page - NXP Semiconductors TDA4686 Datasheet HTML 12Page - NXP Semiconductors TDA4686 Datasheet HTML 13Page - NXP Semiconductors TDA4686 Datasheet HTML 14Page - NXP Semiconductors TDA4686 Datasheet HTML 15Page - NXP Semiconductors TDA4686 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
1997 Jun 23
12
Philips Semiconductors
Product specification
Video processor with automatic cut-off control
TDA4686
Fast signal switch FSW1 (pin 13) to select Y, CD or R1, G1, B1 inputs (control bits: see Table 2)
V13
voltage to select Y and CD
−−
0.4
V
voltage to select R1, G1, B1
0.9
−
5.0
V
R13
internal resistance to ground
−
4.0
−
k
Ω
∆t
difference between transit times for
signal switching and signal insertion
−−
10
ns
Fast signal switch FSW2 (pin 1) to select Y, CD/R1, G1, B1 or R2, G2, B2 inputs (control bits: see Table 2)
V1
voltage to select Y, CD/R1, G1, B1
−−
0.4
V
voltage to select R2, G2, B2
0.9
−
5.0
V
R1
internal resistance to ground
−
4.0
−
k
Ω
∆t
difference between transit times for
signal switching and signal insertion
−−
10
ns
Saturation adjust [acts on
−(R − Y) and −(B − Y) signals under I2C-bus control; subaddress 01H (bit resolution
1.5% of maximum saturation); data byte 3FH for maximum saturation, data byte 23H for nominal saturation
and data byte 00H for minimum saturation]
ds
saturation below maximum
at 23H
−
5
−
dB
at 00H; f = 100 kHz
−
50
−
dB
Contrast adjust [acts on internal RGB signals under I2C-bus control; subaddress 02H (bit resolution 1.5% of
maximum contrast); data byte 3FH for maximum contrast, data byte 22H for nominal contrast and data byte
00H for minimum contrast]
dc
contrast below maximum
at 22H
−
5
−
dB
at 00H
−
22
−
dB
Brightness adjust [acts on internal RGB signals under I2C-bus control; subaddress 00H (bit resolution 1.5%
of maximum brightness); data byte 3FH for maximum brightness, data byte 26H for nominal brightness and
data byte 00H for minimum brightness]
dbr
black level shift of nominal signal
amplitude referred to cut-off
measurement level
at 3FH
−
30
−
%
at 00H
−−50
−
%
White potentiometers [under I2C-bus control; subaddresses 04H (red), 05H (green) and 06H (blue); data byte
3FH for maximum gain; data byte 19H for nominal gain and data byte 00H for minimum gain]; note 3
∆G
v
relative to nominal gain
increase of gain
at 3FH
−
50
−
%
decrease of gain
at 00H
−
50
−
%
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com