Electronic Components Datasheet Search
  English  ▼

X  

TDA4686 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # TDA4686
Description  Video processor with automatic cut-off control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4686 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button TDA4686 Datasheet HTML 11Page - NXP Semiconductors TDA4686 Datasheet HTML 12Page - NXP Semiconductors TDA4686 Datasheet HTML 13Page - NXP Semiconductors TDA4686 Datasheet HTML 14Page - NXP Semiconductors TDA4686 Datasheet HTML 15Page - NXP Semiconductors TDA4686 Datasheet HTML 16Page - NXP Semiconductors TDA4686 Datasheet HTML 17Page - NXP Semiconductors TDA4686 Datasheet HTML 18Page - NXP Semiconductors TDA4686 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
1997 Jun 23
15
Philips Semiconductors
Product specification
Video processor with automatic cut-off control
TDA4686
Cut-off storage (pins 25, 23 and 21)
I21,23,25
charge and discharge currents
during cut-off
measurement lines
−
0.3
−
mA
input currents of storage inputs
outside measurement
time
−−
0.1
µA
Storage of leakage information (pin 17)
I
17
charge and discharge currents
during leakage
measurement period
−
0.4
−
mA
leakage current
outside measurement
time
−−
0.1
µA
V17
threshold voltage for reset to
switch-on state
−
2.5
−
V
Hue control (under I2C-bus control; subaddress 03H; data byte 3FH for maximum voltage; data byte 20H for
nominal voltage and data byte 00H for minimum voltage); note 13
V26
output voltage
at 3FH
4.8
−−
V
at 20H
−
3.0
−
V
at 00H
−−
1.2
V
Iint
current of the internal current source
at pin 26
500
−−
µA
I2C-bus receiver clock SCL (pin 28)
fSCL
input frequency range
0
−
100
kHz
VIL
LOW-level input voltage
−−
1.5
V
VIH
HIGH-level input voltage
3.0
−
6.0
V
IIL
LOW-level input current
−−
−10
µA
IIH
HIGH-level input current
−−
10
µA
tL
clock pulse LOW
4.7
−−
µs
tH
clock pulse HIGH
4.0
−−
µs
tr
rise time
−−
1.0
µs
tf
fall time
−−
0.3
µs
I2C-bus receiver data input/output SDA (pin 27)
VIL
LOW-level input voltage
−−
1.5
V
VIH
HIGH-level input voltage
3.0
−
6.0
V
IIL
LOW-level input current
−−
−10
µA
IIH
HIGH-level input current
−−
10
µA
IOL
LOW-level output current
3.0
−−
mA
tr
rise time
−−
1.0
µs
tf
fall time
−−
0.3
µs
tSU;DAT
data set-up time
0.25
−−
µs
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com