Electronic Components Datasheet Search
  English  ▼

X  

TDA4686 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA4686
Description  Video processor with automatic cut-off control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4686 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA4686 Datasheet HTML 5Page - NXP Semiconductors TDA4686 Datasheet HTML 6Page - NXP Semiconductors TDA4686 Datasheet HTML 7Page - NXP Semiconductors TDA4686 Datasheet HTML 8Page - NXP Semiconductors TDA4686 Datasheet HTML 9Page - NXP Semiconductors TDA4686 Datasheet HTML 10Page - NXP Semiconductors TDA4686 Datasheet HTML 11Page - NXP Semiconductors TDA4686 Datasheet HTML 12Page - NXP Semiconductors TDA4686 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
1997 Jun 23
9
Philips Semiconductors
Product specification
Video processor with automatic cut-off control
TDA4686
Table 1
Subaddress (SAD) and data bytes; note 1
Note
1. X = don’t care, but for software compatibility with other or future video ICs it is recommended to set all X to logic 0.
FUNCTION
SAD
(HEX)
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
Brightness
00
0
0
A05
A04
A03
A02
A01
A00
Saturation
01
0
0
A15
A14
A13
A12
A11
A10
Contrast
02
0
0
A25
A24
A23
A22
A21
A20
Hue control voltage
03
0
0
A35
A34
A33
A32
A31
A30
Red gain
04
0
0
A45
A44
A43
A42
A41
A40
Green gain
05
0
0
A55
A54
A53
A52
A51
A50
Blue gain
06
0
0
A65
A64
A63
A62
A61
A60
Reserved
07
0
0
X
X
X
X
X
X
Reserved
08
0
0
X
X
X
X
X
X
Reserved
09
0
0
X
X
X
X
X
X
Peak drive limit
0A
0
0
AA5
AA4
AA3
AA2
AA1
AA0
Reserved
0B
X
X
X
X
X
X
X
X
Control register 1
0C
SC5
X
BREN
X
NMEN
X
X
X
Control register 2
0D
X
X
X
BCOF
FSDIS2
FSON2
FSDIS1
FSON1
Reserved
0E
X
X
X
X
X
X
X
X
Reserved
0F
X
X
X
X
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com