Electronic Components Datasheet Search
  English  ▼

X  

TDA4686 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA4686
Description  Video processor with automatic cut-off control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4686 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA4686 Datasheet HTML 7Page - NXP Semiconductors TDA4686 Datasheet HTML 8Page - NXP Semiconductors TDA4686 Datasheet HTML 9Page - NXP Semiconductors TDA4686 Datasheet HTML 10Page - NXP Semiconductors TDA4686 Datasheet HTML 11Page - NXP Semiconductors TDA4686 Datasheet HTML 12Page - NXP Semiconductors TDA4686 Datasheet HTML 13Page - NXP Semiconductors TDA4686 Datasheet HTML 14Page - NXP Semiconductors TDA4686 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
1997 Jun 23
11
Philips Semiconductors
Product specification
Video processor with automatic cut-off control
TDA4686
CHARACTERISTICS
All voltages are measured in test circuit of Fig.10 with respect to GND (pin 9); VP = 8.0 V; Tamb =25 °C; nominal signal
amplitudes (black-to-white) at output pins 24, 22 and 20; nominal settings of brightness, contrast, saturation and white
level control; without beam current or peak drive limiting; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply (pin 5)
VP
supply voltage
7.2
8.0
8.8
V
IP
supply current
−
60
−
mA
Colour difference inputs [
−(B − Y): pin 6; −(R − Y): pin 7]
V6(p-p)
−(B − Y) input (peak-to-peak value)
notes 1 and 2
−
1.33
−
V
V7(p-p)
−(R − Y) input (peak-to-peak value)
notes 1 and 2
−
1.05
−
V
V6,7
internal DC bias voltage
at black level clamping
−
4.1
−
V
I
6,7
input current
during line scan
−−
0.1
µA
at black level clamping
100
−−
µA
R6,7
input resistance
10
−−
M
Ω
Luminance/sync (VBS; Y: pin 8)
Vi(p-p)
luminance input voltage at pin 8
(peak-to-peak value)
note 2
−
0.45
−
V
V8(bias)
internal DC bias voltage
at black level clamping
−
4.1
−
V
I
8
input current
during line scan
−−
0.1
µA
at black level clamping
100
−−
µA
R8
input resistance
10
−−
M
Ω
RGB input 1 (R1: pin 10; G1: pin 11; B1: pin 12)
Vi(p-p)
input voltage at pins 10, 11 and 12
(peak-to-peak value)
note 2
−
0.7
−
V
V10/11/12(bias) internal DC bias voltage
at black level clamping
−
5.7
−
V
I10/11/12
input current
during line scan
−−
0.1
µA
at black level clamping
100
−−
µA
R10/11/12
input resistance
10
−−
M
Ω
RGB input 2 (R2: pin 2, G2: pin 3, B2: pin 4)
Vi(p-p)
input voltage at pins 2, 3 and 4
(peak-to-peak value)
note 2
−
0.7
−
V
V2/3/4
internal DC bias voltage
at black level clamping
−
5.7
−
V
I
2/3/4
input current
during line scan
−−
0.1
µA
at black level clamping
100
−−
µA
R2/3/4
input resistance
10
−−
M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com