Electronic Components Datasheet Search
  English  ▼

X  

QPA1017DEVB Datasheet(PDF) 1 Page - Qorvo, Inc

Part # QPA1017DEVB
Description  5.7 – 7 GHz 50 Watt GaN Power Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA1017DEVB Datasheet(HTML) 1 Page - Qorvo, Inc

  QPA1017DEVB Datasheet HTML 1Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 2Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 3Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 4Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 5Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 6Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 7Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 8Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
QPA1017D
5.7 – 7 GHz 50 Watt GaN Power Amplifier
Data Sheet Rev. B, May 2021 | Subject to change without notice
1 of 29
www.qorvo.com
®
Functional Block Diagram
Product Overview
Qorvo's QPA1017D is a high power MMIC amplifier
fabricated on Qorvo's production 0.15 um GaN on SiC
process (QGaN15)
. The QPA1017D operates from 5.7 –
 7.0 GHz, provides 50 W of saturated output power with 21
dB of large signal gain and greater than 40% power
–added
efficiency.
For satellite communications applications,
QPA1017D provides 25 W linear power with 25 dBc third
order intermodulation distortion products.
To simplify system integration, QPA1017D is fully matched
to 50 ohms. Input port is DC grounded for improved ESD
performance, output port is AC coupled with integrated DC
blocking capacitor.
Lead-free and RoHS compliant
Key Features
 Frequency Range: 5.7  – 7 GHz
 PSAT (PIN = 26 dBm): > 47 dBm
 PAE (PIN = 26 dBm): > 40 %
 Power Gain (PIN = 26 dBm): > 21 dB
 IM3 (POUT/Tone = 41 dBm): -25 dBc
 Small Signal Gain: > 28 dB
 Bias: VD = +24 V, IDQ = 1.5 A, VG = -2.5 V typ.
 Die Dimensions: 4.79 x 6.45 x 0.10 mm
Performance is typical across frequency. Please
reference electrical specification table and data plots for
more details.
Applications
 C-Band Radar
 Satellite Communications
Ordering Information
Part No.
Description
QPA1017D
5.7
 – 7 GHz 50 Watt GaN Amplifier
(10 pcs.)
QPA1017DEVB Evaluation Board for QPA1017D


Similar Part No. - QPA1017DEVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPA1010 TRIQUINT-QPA1010 Datasheet
728Kb / 24P
15 W GaN Power Amplifier
logo
Qorvo, Inc
QPA1010 QORVO-QPA1010 Datasheet
1Mb / 26P
zzzzzzzzz7.9 ??11.0 GHz 15 W GaN Power Amplifier
May 2021
logo
TriQuint Semiconductor
QPA1010D TRIQUINT-QPA1010D Datasheet
1Mb / 26P
15 W GaN Power Amplifier
logo
Qorvo, Inc
QPA1010D QORVO-QPA1010D Datasheet
1Mb / 26P
7.9 ??11.0 GHz 15 W GaN Power Amplifier
April 2, 2021
QPA1010DPCB4B01 QORVO-QPA1010DPCB4B01 Datasheet
1Mb / 26P
7.9 ??11.0 GHz 15 W GaN Power Amplifier
April 2, 2021
More results

Similar Description - QPA1017DEVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPA1001 TRIQUINT-QPA1001 Datasheet
1Mb / 15P
3.1 ??3.5 GHz 60 Watt GaN Power Amplifier
logo
Qorvo, Inc
QPA2229D QORVO-QPA2229D Datasheet
1Mb / 24P
34 ??36 GHz 13 Watt GaN Power Amplifier
QPA2226D QORVO-QPA2226D Datasheet
1Mb / 24P
34 ??36 GHz 20 Watt GaN Power Amplifier
QPA2211D QORVO-QPA2211D Datasheet
616Kb / 22P
27.5 ??31 GHz 14 Watt GaN Power Amplifier
QPA2210D QORVO-QPA2210D Datasheet
615Kb / 22P
27 ??31 GHz 7 Watt GaN Power Amplifier
QPA1001 QORVO-QPA1001 Datasheet
741Kb / 17P
3.1 ??3.5 GHz 60 Watt GaN Power Amplifier
QPM1017 QORVO-QPM1017 Datasheet
1Mb / 23P
5.7 ??7 GHz 100 W GaN Power Amplifier Module
TGA2307-SM QORVO-TGA2307-SM Datasheet
601Kb / 16P
4.5-6.5 GHz 50 Watt GaN Power Amplifier
QPA1000 QORVO-QPA1000 Datasheet
1,017Kb / 14P
2.8 ??3.2 GHz 50 Watt GaN Amplifier
April 2021
QPA2212D QORVO-QPA2212D Datasheet
628Kb / 22P
27.5 ??31 GHz 25 Watt GaN Power Amplifier
April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com