Electronic Components Datasheet Search
  English  ▼

X  

QPA1017DEVB Datasheet(PDF) 2 Page - Qorvo, Inc

Part # QPA1017DEVB
Description  5.7 – 7 GHz 50 Watt GaN Power Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA1017DEVB Datasheet(HTML) 2 Page - Qorvo, Inc

  QPA1017DEVB Datasheet HTML 1Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 2Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 3Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 4Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 5Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 6Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 7Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 8Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
QPA1017D
5.7 – 7 GHz 50 Watt GaN Power Amplifier
Data Sheet Rev. B, May 2021 | Subject to change without notice
2 of 29
www.qorvo.com
®
Recommended Operating Conditions
Parameter
Min
Typ.
Max Units
Drain Voltage (VD)
+24
+28
V
Drain Current, Quiescent (IDQ)
1.5
A
Drain Current, RF (ID_Drive)
See chart page 4, 6
A
Gate Voltage Typ. Range (VG)
−2 to -2.9
V
Gate Current, RF (IG_Drive)
See chart page 4, 6 mA
Operating Temp. Range (TBASE)
−40
+85
ºC
Electrical
specifications
are
measured
at
specified
test
conditions.
Specifications are not guaranteed over all
recommended operating conditions.
Absolute Maximum Ratings
Parameter
Value / Range
Drain Voltage (VD)
29.5 V
Gate Voltage Range (VG)
-6 V to 0 V
Drain Current (ID)
10 A
Gate Current (IG)
See plot page 20
Power Dissipation (PDISS), 85 °C
Pulsed, 180 W
CW, 100 W
Input Power (PIN), Pulsed and CW,
50 Ω, VD = 24 V, IDQ = 1.5 A, TBASE =
85 °C,
32 dBm*
Input Power (PIN), Pulsed and CW,
3:1 VSWR, VD = 24 V, IDQ = 1.5 A ,
TBASE = 85 °C
32 dBm*
Mounting Temperature (30 seconds)
320 ºC
Storage Temperature
-55 to +150 ºC
Operation of this device outside the parameter ranges given
above may cause permanent damage. These are stress ratings
only, and functional operation of the device at these conditions
is not implied.
* Robustness guaranteed over 5.7-7.0 GHz.
Out of band
operation not recommended
Electrical Specifications
Parameter
Conditions (1) (2)
Min
Typ.
Max
Units
Operational Frequency Range
5.7
7
GHz
Output Power at Saturation, PSAT
PIN = +26 dBm, Pulsed
47
dBm
Large Signal Gain
PIN = +26 dBm, Pulsed
22
dB
Small Signal Gain, S21
CW
28
dB
Input Return Loss, IRL
CW
8
dB
Output Return Loss, ORL
CW
5
dB
3RD Intermodulation Products, IM3
POUT/Tone = 41 dBm; Freq. = 5.7, 6.4, 7 GHz;
Δf = 20 MHz, CW
-25
dBc
5TH Intermodulation Products, IM5
POUT/Tone = 41 dBm; Freq. = 35 GHz;
Δf = 20 MHz, CW
-35
dBc
PSAT Temperature Coefficient
TDIFF =
−40 ºC to +85 ºC; PIN = +26 dBm,
Pulsed
-0.007
dBm/ºC
S21 Temperature Coefficient
TDIFF =
−40 ºC to +85 ºC, CW
-0.065
dB/ºC
Notes:
1.
Test conditions unless otherwise noted: Pulsed VD = +24 V, IDQ = 1.5 A, VG = -2.5V +/- typical, DC = 20%, PW = 150 us,
TBASE
 = +25 ºC, Z0 = 50 Ω
2.
TBASE is back side of 40 mil CuMo carrier plate with AuSn solder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com