Electronic Components Datasheet Search
  English  ▼

X  

QPA1017DEVB Datasheet(PDF) 21 Page - Qorvo, Inc

Part # QPA1017DEVB
Description  5.7 – 7 GHz 50 Watt GaN Power Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA1017DEVB Datasheet(HTML) 21 Page - Qorvo, Inc

Back Button QPA1017DEVB Datasheet HTML 17Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 18Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 19Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 20Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 21Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 22Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 23Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 24Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 25Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
QPA1017D
5.7 – 7 GHz 50 Watt GaN Power Amplifier
Data Sheet Rev. B, May 2021 | Subject to change without notice
21 of 29
www.qorvo.com
®
Performance Plots – Small Signal
Test conditions, unless otherwise noted: CW VD = 24 V, IDQ = 1.5 A, TBASE = +25 ºC
20
22
24
26
28
30
32
34
36
5.5
5.7
5.9
6.1
6.3
6.5
6.7
6.9
7.1
7.3
7.5
Frequency (GHz)
Gain vs. Frequency vs. IDQ
700 mA
1000 mA
1500 mA
-33
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
5.5
5.7
5.9
6.1
6.3
6.5
6.7
6.9
7.1
7.3
7.5
Frequency (GHz)
Input RL vs. Frequency vs. IDQ
700 mA
1000 mA
1500 mA
-33
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
5.5
5.7
5.9
6.1
6.3
6.5
6.7
6.9
7.1
7.3
7.5
Frequency (GHz)
Output RL vs. Frequency vs. IDQ
700 mA
1000 mA
1500 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com