Electronic Components Datasheet Search
  English  ▼

X  

QPA1017DEVB Datasheet(PDF) 13 Page - Qorvo, Inc

Part # QPA1017DEVB
Description  5.7 – 7 GHz 50 Watt GaN Power Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA1017DEVB Datasheet(HTML) 13 Page - Qorvo, Inc

Back Button QPA1017DEVB Datasheet HTML 9Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 10Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 11Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 12Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 13Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 14Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 15Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 16Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 17Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
QPA1017D
5.7 – 7 GHz 50 Watt GaN Power Amplifier
Data Sheet Rev. B, May 2021 | Subject to change without notice
13 of 29
www.qorvo.com
®
Performance Plots – Large Signal
Test conditions, unless otherwise noted: CW VD = 24 V, IDQ = 1.5 A, PIN = 26 dBm, TBASE = +25 ºC
0
1
2
3
4
5
6
7
8
9
10
0
4
8
12
16
20
24
28
32
Input Power (dBm)
Drain Current vs. Input Power vs. Freq.
5.3 GHz
5.7 GHz
6.0 GHz
6.3 GHz
6.7 GHz
7.0 GHz
-20
0
20
40
60
80
100
120
0
4
8
12
16
20
24
28
32
Input Power (dBm)
Gate Current vs. Input Power vs. Freq.
5.3 GHz
5.7 GHz
6.0 GHz
6.3 GHz
6.7 GHz
7.0 GHz
0
1
2
3
4
5
6
7
8
9
10
0
4
8
12
16
20
24
28
32
Input Power (dBm)
Drain Current vs. Input Power vs. T
BASE
-40 C
+25 C
+85 C
6.3 GHz
-20
0
20
40
60
80
100
120
0
4
8
12
16
20
24
28
32
Input Power (dBm)
Gate Current vs. Input Power vs. T
BASE
-40 C
+25 C
+85 C
6.3 GHz
0
1
2
3
4
5
6
7
8
9
10
0
4
8
12
16
20
24
28
32
Input Power (dBm)
Drain Current vs. Input Power vs. V
D
20 V
24 V
28 V
6.3 GHz
-20
0
20
40
60
80
100
120
0
4
8
12
16
20
24
28
32
Input Power (dBm)
Gate Current vs. Input Power vs. V
D
20 V
24 V
28 V
6.3 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com