Electronic Components Datasheet Search
  English  ▼

X  

QPA1017DEVB Datasheet(PDF) 3 Page - Qorvo, Inc

Part # QPA1017DEVB
Description  5.7 – 7 GHz 50 Watt GaN Power Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA1017DEVB Datasheet(HTML) 3 Page - Qorvo, Inc

  QPA1017DEVB Datasheet HTML 1Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 2Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 3Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 4Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 5Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 6Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 7Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 8Page - Qorvo, Inc QPA1017DEVB Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
QPA1017D
5.7 – 7 GHz 50 Watt GaN Power Amplifier
Data Sheet Rev. B, May 2021 | Subject to change without notice
3 of 29
www.qorvo.com
®
Performance Plots – Large Signal
Test conditions, unless otherwise noted: Pulsed VD = 24 V, IDQ = 1.5 A, Duty Cycle = 20%, PW = 150 us, PIN = 26 dBm, TBASE = +25 ºC
42
43
44
45
46
47
48
49
50
5.5
5.7
5.9
6.1
6.3
6.5
6.7
6.9
7.1
7.3
7.5
Frequency (GHz)
Output Power vs. Freq. vs. T
BASE
-40 C
+25 C
+85 C
30
32
34
36
38
40
42
44
46
48
50
5.5
5.7
5.9
6.1
6.3
6.5
6.7
6.9
7.1
7.3
7.5
Frequency (GHz)
PAE vs. Freq. vs. T
BASE
-40 C
+25 C
+85 C
42
43
44
45
46
47
48
49
50
5.5
5.7
5.9
6.1
6.3
6.5
6.7
6.9
7.1
7.3
7.5
Frequency (GHz)
Output Power vs. Freq. vs. V
D
20 V
24 V
28 V
30
32
34
36
38
40
42
44
46
48
50
5.5
5.7
5.9
6.1
6.3
6.5
6.7
6.9
7.1
7.3
7.5
Frequency (GHz)
PAE vs. Freq. vs. V
D
20 V
24 V
28 V
42
43
44
45
46
47
48
49
50
5.5
5.7
5.9
6.1
6.3
6.5
6.7
6.9
7.1
7.3
7.5
Frequency (GHz)
Output Power vs. Freq. vs. IDQ
700 mA
1000 mA
1500 mA
30
32
34
36
38
40
42
44
46
48
50
5.5
5.7
5.9
6.1
6.3
6.5
6.7
6.9
7.1
7.3
7.5
Frequency (GHz)
PAE vs. Freq. vs. IDQ
700 mA
1000 mA
1500 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com