Electronic Components Datasheet Search
  English  ▼

X  

MPQ18913 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MPQ18913
Description  30V, 0.3A High Frequency Transformer Driver for Automotive, AEC-Q100
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ18913 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MPQ18913 Datasheet HTML 1Page - Monolithic Power Systems MPQ18913 Datasheet HTML 2Page - Monolithic Power Systems MPQ18913 Datasheet HTML 3Page - Monolithic Power Systems MPQ18913 Datasheet HTML 4Page - Monolithic Power Systems MPQ18913 Datasheet HTML 5Page - Monolithic Power Systems MPQ18913 Datasheet HTML 6Page - Monolithic Power Systems MPQ18913 Datasheet HTML 7Page - Monolithic Power Systems MPQ18913 Datasheet HTML 8Page - Monolithic Power Systems MPQ18913 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MPQ18913
– 30V, 0.3A High Frequency Transformer Driver
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MPQ18913 Rev. 0.8
MonolithicPower.com
4
12/8/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 24V, TJ = -40°C to 150°C, typical values are at TJ = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Power Supply Transformer Driver
VCC Regulator
VCC
ICC=0-20mA, VEN=1.5V
4.55
4.7
4.85
V
Vcc UVLO Thresholds
VCCUV_R
VCC rising
4.1
4.25
4.4
V
VCCUV_F
VCC falling
3.95
4.1
4.25
V
VCCUV_HYS
Hysteresis
150
mV
Vin UVLO Thresholds
VINUV_R
VIN rising
4.35
4.65
4.9
V
VINUV_F
VIN falling
4
4.25
4.5
V
VINUV_HYS
Hysteresis
400
mV
Shut Down Current
ISD
VEN=0V
4
12
µA
Supply Current
IQ
VEN=1.5V, Fsw=1MHz set by
Resistor, SW floating
9.5
mA
Input Over Voltage
Protection Threshold
VOVP_T
Rising
31
33
35
V
VOVP_F
Falling
28.5
30.5
32.5
V
Input OVP Hysteresis
VOVP_H
2.5
V
EN Turn on Threshold
VEN_ON
VEN rising
1.0
1.1
1.2
V
EN Turn off Threshold
VEN-OFF
EN falling
0.8
0.9
1.0
V
EN Hysteresis
VEN-HYS
0.2
V
EN Pull Down
REN
2
M
Ω
EN/SYNC Turn Off
Blanking(6)
tEN_SD_BLK
EN OFF to stop switching
6
µs
SYNC Input High
Threshold
VSYNC_HI
rising
1.7
V
SYNC Input Low
Threshold
VSYNC_LO
falling
0.9
V
SYNC Input Hysteresis
VSYNC_HYS
0.8
V
HS FET Ron
RON_HS
IDS=0.1A
180
mΩ
LS FET Ron
RON_LS
IDS=0.1A
180
mΩ
Switch Leakage
SWLKG
VEN=0, VSW=24V, TJ=25°C
1
µA
VEN=0, VSW=24V, TJ=-40°C to
150°C
6
µA
Average SW
capacitance
CSW
VEN=0, Charge SW from 0 to
24V
100
125
150
pF
FLT Output Low
Threshold
VOL
0.2
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com