Electronic Components Datasheet Search
  English  ▼

X  

MPQ18913 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MPQ18913
Description  30V, 0.3A High Frequency Transformer Driver for Automotive, AEC-Q100
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ18913 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MPQ18913 Datasheet HTML 6Page - Monolithic Power Systems MPQ18913 Datasheet HTML 7Page - Monolithic Power Systems MPQ18913 Datasheet HTML 8Page - Monolithic Power Systems MPQ18913 Datasheet HTML 9Page - Monolithic Power Systems MPQ18913 Datasheet HTML 10Page - Monolithic Power Systems MPQ18913 Datasheet HTML 11Page - Monolithic Power Systems MPQ18913 Datasheet HTML 12Page - Monolithic Power Systems MPQ18913 Datasheet HTML 13Page - Monolithic Power Systems MPQ18913 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
MPQ18913
– 30V, 0.3A High Frequency Transformer Driver
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MPQ18913 Rev. 0.8
MonolithicPower.com
10
12/8/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2021 MPS. All Rights Reserved.
OPERATION
Enable Control (EN/SYNC)
The EN pin enables and disables the MPQ18913
power converter. When applying a voltage
higher than the EN start up threshold the
MPQ18913 is enabled and starts switching
operation after a delay. The device is disabled
when the EN voltage falls below the turn off
threshold. EN pin is compatible with voltage up
to 30V, for automatic startup, connect EN pin to
VIN pin directly.
EN/SYNC pin can also be used for external clock
synchronization.
Connect
a
clock
with
a
frequency between 400kHz to 1.67MHz to
EN/SYNC pin, the internal clock will scale to be
1x, 3x the external clock while keep operating at
50% duty cycle. The scale factor is set by the
resistance placed at the FREQ pin.
SYNC
Freq
Scale Factor
Output
Freq.
Range
Resistance
at FREQ Pin
1
0.4-1.5MHz
100k
3
1.5-5MHz
33.2k
Under Voltage Lock Out
MPQ18913 implements under voltage lock out
(UVLO) on VIN and VCC pins separately. the Vin
UVLO rising threshold is as low as 4.9V max so
it allows for a direct start-up at wide Vin range.
Note the FLT pin will always be low in VIN or
VCC UVLO states.
Soft-Start of Power Converter
Upon start-up, the switching frequency starts at
2 times the set frequency in order to limit the
inrush current, and then gradually decreases to
the set value.
VIN
EN
SW
Resonant Freq
Detection
Soft-Start
Operation
tEN_ON_DELAY
tSS
Figure 2: Timing Diagram During Start-up
Over Current & Short Circuit Protection
The MPQ18913 implements a two levels over-
current
protection
scheme
on
the
power
converter. First level OC is implemented by
measuring the instantaneous current on the low
side FET. When the current rises above the OC
threshold, switching frequency will increase to
limit the input current. If the OC condition
persists for longer than 1ms, the part will stop
switching, pull low the FLT pin and auto-retries
after a waiting time tHICCUP. Upon auto-retry, FLT
pin will be released.
IIN
FLT
SW
Soft-Start
Operation
tOCP
ILIM
tSS
OC
blanking
OC
Shutdown
tHICCUP
Figure 3: Timing Diagram During Over Current
Event
The second level of the protection scheme
(SCP) senses the instantaneous input current
on high side FET. It is used to protect against
the dead short from SW to GND.
Over Voltage Protection
When input voltage goes above the over voltage
protection threshold, the converter immediately
stops switching and pull low FLT. After the input
voltage falls below the OVP threshold (with
hysteresis), the part re-starts and releases FLT.
Over Temperature Protection
MPQ18913
consistently
monitors
the
die
temperature. When the die temperature goes
over the thermal shutdown limit, the part stops
switching
and
pulls
low
FLT.
After
the
temperature falls back below thermal limit (with
hysteresis), the part restarts and releases FLT.
FLT Reporting
FLT pin is an open-drain output. The FLT pin will
be pulled low in the following conditions: Vin
UVLO, Vcc UVLO, OCP hiccup/latch-off, SCP
hiccup/latch-off, OVP, OTP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com