Electronic Components Datasheet Search
  English  ▼

X  

MPQ18913 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MPQ18913
Description  30V, 0.3A High Frequency Transformer Driver for Automotive, AEC-Q100
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ18913 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MPQ18913 Datasheet HTML 9Page - Monolithic Power Systems MPQ18913 Datasheet HTML 10Page - Monolithic Power Systems MPQ18913 Datasheet HTML 11Page - Monolithic Power Systems MPQ18913 Datasheet HTML 12Page - Monolithic Power Systems MPQ18913 Datasheet HTML 13Page - Monolithic Power Systems MPQ18913 Datasheet HTML 14Page - Monolithic Power Systems MPQ18913 Datasheet HTML 15Page - Monolithic Power Systems MPQ18913 Datasheet HTML 16Page - Monolithic Power Systems MPQ18913 Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
MPQ18913
– 30V, 0.3A High Frequency Transformer Driver
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MPQ18913 Rev. 0.8
MonolithicPower.com
14
12/8/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2021 MPS. All Rights Reserved.
Mid-Layer 3
Mid-Layer 4
Bottom Layer
Figure 4: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com