Electronic Components Datasheet Search
  English  ▼

X  

MPQ18913 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MPQ18913
Description  30V, 0.3A High Frequency Transformer Driver for Automotive, AEC-Q100
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ18913 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MPQ18913 Datasheet HTML 8Page - Monolithic Power Systems MPQ18913 Datasheet HTML 9Page - Monolithic Power Systems MPQ18913 Datasheet HTML 10Page - Monolithic Power Systems MPQ18913 Datasheet HTML 11Page - Monolithic Power Systems MPQ18913 Datasheet HTML 12Page - Monolithic Power Systems MPQ18913 Datasheet HTML 13Page - Monolithic Power Systems MPQ18913 Datasheet HTML 14Page - Monolithic Power Systems MPQ18913 Datasheet HTML 15Page - Monolithic Power Systems MPQ18913 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
MPQ18913
– 30V, 0.3A High Frequency Transformer Driver
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MPQ18913 Rev. 0.8
MonolithicPower.com
12
12/8/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2021 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Selecting the Rectification Diodes
Schottky diodes are recommended to minimize
power losses and help achieve ZVS of MPQ18913,
because Schottky diodes feature low forward
voltage drop and fast recovery.
The current rating of the diodes can be calculated
with Equation (1):
Ipk≈π×Iload
(1)
Selecting the Output Capacitor
The output voltage ripple is determined by the
value of capacitance and the gate charge of power
device, e.g. SiC or IGBT. To maintain an
acceptable voltage ripple,
Vripple , the output
capacitance for the two output voltage rails can be
estimated with Equation (2):
Cout, positive rail=Cout, negative rail≥
Qg
Vripple
(2)
If the capacitance of each rail needs to be larger
than 22uF, MPQ18913A should be selected
instead of MPQ18913 due to its longer soft start
time.
Selecting the Switching Frequency
Higher switching frequency can reduce the size of
transformer, but it will lead to larger transformer
windings AC resistance, which limits the output
power. The recommended switching frequency is
as Equation (3):
Fsw= {
0.4MHz-0.75MHz, Pout≤6W
0.75MHz-2MHz, Pout≤3W
1.5MHz-5MHz, Pout≤2W
(3)
To setup the switching frequency, the FREQ
resistor can be calculated as
RFREQ=
100kΩ
Fsw(MHz)
(4)
Selecting the Magnetizing Inductance of the
Transformer
The design target of magnetizing inductance
based on ZVS achievement can be calculated
from equation (5).
Lm=
Dead Time
8×CSW×FSW
=
25ns
8×0.17nF×Fsw
(5)
If the magnetizing inductance is larger than the
target, it does not have enough magnetizing
current to achieve full ZVS. With the low input
voltage and small parasitic capacitance on the
switcher, partial ZVS will not raise concerns in
thermal or electrical stress. If the magnetizing
inductance is smaller than the design target, it will
lead to more magnetizing current than needed,
which results in extra conduction loss. Given the
small
Rds,on and a reasonable ACR of transformer,
the conduction loss will not raise thermal concerns
as well.
It
is
recommended
that
the
magnetizing
inductance be more than 10 times larger than
leakage inductance, in order to decrease the
output voltage’s sensitivity to the tolerance of
inductance and resonant capacitance.
Selecting the Resonant Capacitor
The value of resonant capacitor can be calculated
with equation (6):
Cr=
1
4×π2×Lr×Fsw
2
(6)
Where the
Lr is the leakage inductance of the
transformer, reflected to the primary side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com