Electronic Components Datasheet Search
  English  ▼

X  

82546EB Datasheet(PDF) 14 Page - Intel Corporation

Part # 82546EB
Description  Dual Port Gigabit Ethernet Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82546EB Datasheet(HTML) 14 Page - Intel Corporation

Back Button 82546EB Datasheet HTML 10Page - Intel Corporation 82546EB Datasheet HTML 11Page - Intel Corporation 82546EB Datasheet HTML 12Page - Intel Corporation 82546EB Datasheet HTML 13Page - Intel Corporation 82546EB Datasheet HTML 14Page - Intel Corporation 82546EB Datasheet HTML 15Page - Intel Corporation 82546EB Datasheet HTML 16Page - Intel Corporation 82546EB Datasheet HTML 17Page - Intel Corporation 82546EB Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
82546EB — Networking Silicon
8
Datasheet
3.0
Signal Descriptions
Note:
The targeted signal names are subject to change without notice. Verify with your local Intel sales
office that you have the latest information before finalizing a design.
3.1
Signal Type Definitions
The signals of the 82546EB controller are electrically defined as follows:
3.2
PCI Bus Interface
When the Reset signal (RST#) is asserted, the 82546EB will not drive any PCI output or bi-
directional pins except the Power Management Event signal (PME#).
3.2.1
PCI Address, Data and Control Signals
Name
Definition
I
Input. Standard input only digital signal.
O
Output. Standard output only digital signal.
TS
Tri-state. Bi-directional three-state digital input/output signal.
STS
Sustained Tri-state. Sustained digital three-state signal driven by one agent at a time.
An agent driving the STS pin low must actively drive it high for at least one clock before letting it
float. The next agent of the signal cannot drive the pin earlier than one clock after it has been
released by the previous agent.
OD
Open Drain. Wired-OR with other agents.
The signaling agent asserts the OD signal, but the signal is returned to the inactive state by a
weak pull-up resistor. The pull-up resistor may require two or three clock periods to fully restore
the signal to the de-asserted state.
A
Analog. PHY analog data signal.
P
Power. Power connection, voltage reference, or other reference connection.
R
Reserved.
Symbol
Type
Name and Function
AD[63:0]
TS
Address and Data. Address and data signals are multiplexed on the same PCI pins. A
bus transaction includes an address phase followed by one or more data phases.
The address phase is the clock cycle when the Frame signal (FRAME#) is asserted
low. During the address phase AD[63:0] contain a physical address (64 bits). For I/O,
this is a byte address, and for configuration and memory, a DWORD address. The
82546EB device uses little endian byte ordering.
During data phases, AD[7:0] contain the least significant byte (LSB) and AD[63:56]
contain the most significant byte (MSB).
The 82546EBcontroller may optionally be connected to a 32-bit PCI bus. On the 32-bit
bus, AD[63:32] and other signals corresponding to the high order byte lanes do not
participate in the bus cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com