Electronic Components Datasheet Search
  English  ▼

X  

82546EB Datasheet(PDF) 32 Page - Intel Corporation

Part # 82546EB
Description  Dual Port Gigabit Ethernet Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82546EB Datasheet(HTML) 32 Page - Intel Corporation

Back Button 82546EB Datasheet HTML 28Page - Intel Corporation 82546EB Datasheet HTML 29Page - Intel Corporation 82546EB Datasheet HTML 30Page - Intel Corporation 82546EB Datasheet HTML 31Page - Intel Corporation 82546EB Datasheet HTML 32Page - Intel Corporation 82546EB Datasheet HTML 33Page - Intel Corporation 82546EB Datasheet HTML 34Page - Intel Corporation 82546EB Datasheet HTML 35Page - Intel Corporation 82546EB Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
82546EB — Networking Silicon
26
Datasheet
4.6.2
Link Interface Timing
4.6.2.1
Link Interface Rise and Fall Time
Figure 7. TVAL (max) Falling Edge Test Load
Table 14. Rise and Fall Times
Symbol
Parameter
Condition
Min
Max
Unit
TR
Clock rise time
0.8 V to 2.0 V
0.7
ns
TF
Clock fall time
2.0 V to 0.8 V
0.7
ns
TR
Data rise time
0.8 to 2.0 V
0.7
ns
TF
Data fall time
2.0 V to 0.8 V
0.7
ns
10 pF
25
Ω
Pin
Test
Point
1/2 inch max.
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com