Electronic Components Datasheet Search
  English  ▼

X  

82546EB Datasheet(PDF) 33 Page - Intel Corporation

Part # 82546EB
Description  Dual Port Gigabit Ethernet Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82546EB Datasheet(HTML) 33 Page - Intel Corporation

Back Button 82546EB Datasheet HTML 29Page - Intel Corporation 82546EB Datasheet HTML 30Page - Intel Corporation 82546EB Datasheet HTML 31Page - Intel Corporation 82546EB Datasheet HTML 32Page - Intel Corporation 82546EB Datasheet HTML 33Page - Intel Corporation 82546EB Datasheet HTML 34Page - Intel Corporation 82546EB Datasheet HTML 35Page - Intel Corporation 82546EB Datasheet HTML 36Page - Intel Corporation 82546EB Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
Networking Silicon — 82546EB
Datasheet
27
4.6.2.2
Link Interface Transmit Timing
Figure 8. Link Interface Rise/Fall Timing
Figure 9. Transmit Interface Timing
Table 15. Transmit Interface Timing
Symbol
Parameter
Min
Typ
Max
Unit
TPERIOD
GTX_CLK perioda
TBI mode (1000 Mbps)
a. GTX_CLK should have a 100 ppm tolerance.
8ns
TSETUP
Data setup to rising GTX_CLK
2.5
ns
THOLD
Data hold from rising GRX_CLK
1.0
ns
TDUTY
GTX_CLK duty cycle
40
60
%
2.0 V
0.8 V
TF
TR
1.4V
TX_CLOCK
TSU
TX_DATA[9:0]
Valid Data
TH
TPERIOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com