Electronic Components Datasheet Search
  English  ▼

X  

82546EB Datasheet(PDF) 29 Page - Intel Corporation

Part # 82546EB
Description  Dual Port Gigabit Ethernet Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82546EB Datasheet(HTML) 29 Page - Intel Corporation

Back Button 82546EB Datasheet HTML 25Page - Intel Corporation 82546EB Datasheet HTML 26Page - Intel Corporation 82546EB Datasheet HTML 27Page - Intel Corporation 82546EB Datasheet HTML 28Page - Intel Corporation 82546EB Datasheet HTML 29Page - Intel Corporation 82546EB Datasheet HTML 30Page - Intel Corporation 82546EB Datasheet HTML 31Page - Intel Corporation 82546EB Datasheet HTML 32Page - Intel Corporation 82546EB Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
Networking Silicon — 82546EB
Datasheet
23
4.6
Timing Specifications
4.6.1
PCI/PCI-X Bus Interface
4.6.1.1
PCI/PCI-X Bus Interface Clock
4.6.1.2
PCI/PCI-X Bus Interface Timing
Table 12. PCI/PCI-X Bus Interface Clock Parameters
Symbol
Parametera
a. Rise and fall times are specified in terms of the edge rate measured in V/ns. This slew rate must be met across the minimum
peak-to-peak portion of the clock waveform as shown.
PCI-X 133
MHz
PCI-X 66 MHz
PCI 66MHz
PCI 33 MHz
Units
Min
Max
Min
Max
Min
Max
Min
Max
TCYC
CLK cycle time
7.5
201520153030
ns
TH
CLK high time
3
6
6
11
ns
TL
CLK low time
3
6
6
11
ns
CLK slew rate
1.541.541.5
4
1
4
V/ns
RST# slew rateb
b. The minimum RST# slew rate applies only to the rising (de-assertion) edge of the reset signal and ensures that system noise
cannot render a monotonic signal to appear bouncing in the switching range.
50
50
50
50
mV/ns
Figure 3. PCI/PCI-X Clock Timing
Table 13. PCI/PCI-X Bus Interface Timing Parameters
Symbol
Parameter
PCI-X 133
MHz
PCI-X 66 MHz
PCI 66MHz
PCI 33 MHz
Units
Min
Max
Min
Max
Min
Max
Min
Max
TVAL
CLK to signal valid delay:
bussed signals
0.73.8
0.73.8
2
6
2
11
ns
TVAL
(ptp)
CLK to signal valid delay:
point-to-point signals
0.73.8
0.73.8
2
6
2
12
ns
TON
Float to active delay
0022
ns
TOFF
Active to float delay
7
7
14
28
ns
0.6 Vcc
0.2 Vcc
0.5 Vcc
0.4 Vcc
0.3 Vcc
Tcyc
Th
Tl
0.4 Vcc p-to-p
(minimum)
3.3 V Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com