Electronic Components Datasheet Search
  English  ▼

X  

82546EB Datasheet(PDF) 45 Page - Intel Corporation

Part # 82546EB
Description  Dual Port Gigabit Ethernet Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82546EB Datasheet(HTML) 45 Page - Intel Corporation

Back Button 82546EB Datasheet HTML 39Page - Intel Corporation 82546EB Datasheet HTML 40Page - Intel Corporation 82546EB Datasheet HTML 41Page - Intel Corporation 82546EB Datasheet HTML 42Page - Intel Corporation 82546EB Datasheet HTML 43Page - Intel Corporation 82546EB Datasheet HTML 44Page - Intel Corporation 82546EB Datasheet HTML 45Page - Intel Corporation 82546EB Datasheet HTML 46Page - Intel Corporation 82546EB Datasheet HTML 47Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
Networking Silicon — 82546EB
Datasheet
39
Table 39. Digital Power Signals
Signal
Pin
Signal
Pin
Signal
Pin
VDDO (3.3V)
B8
VDDO (3.3V)
U7
DVDD (1.5V)
H13
VDDO (3.3V)
B14
VDDO (3.3V) - PLL
U11
DVDD (1.5V)
H14
VDDO (3.3V)
B19
VDDO (3.3V)
U15
DVDD (1.5V)
J7
VDDO (3.3V)
C10
VDDO (3.3V)
U19
DVDD (1.5V)
J14
VDDO (3.3V)
C16
VDDO (3.3V)
W1
DVDD (1.5V)
M7
VDDO (3.3V)
D6
VDDO (3.3V)
W5
DVDD (1.5V)
M14
VDDO (3.3V)
D11
VDDO (3.3V)
W9
DVDD (1.5V)
N7
VDDO (3.3V)
E17
VDDO (3.3V)
W13
DVDD (1.5V)
N8
VDDO (3.3V) - PHY B
H4
VDDO (3.3V)
W17
DVDD (1.5V)
N13
VDDO (3.3V)
H19
DVDD (1.5V)
G7
DVDD (1.5V)
N14
VDDO (3.3V)
L17
DVDD (1.5V)
G8
DVDD (1.5V)
P7
VDDO (3.3V)
M2
DVDD (1.5V)
G9
DVDD (1.5V)
P8
VDDO (3.3V)
N19
DVDD (1.5V)
G12
DVDD (1.5V)
P9
VDDO (3.3V)
R4
DVDD (1.5V)
G13
DVDD (1.5V)
P12
VDDO (3.3V)
R17
DVDD (1.5V)
G14
DVDD (1.5V)
P13
VDDO (3.3V)
U1
DVDD (1.5V)
H7
DVDD (1.5V)
P14
VDDO (3.3V)
U3
DVDD (1.5V)
H8
Table 40. Analog Power Signals
Signal
Pin
Signal
Pin
Signal
Pin
AVDDH (3.3 V)
B4
AVDDLA (2.5 V)
G1
AVDDLB (2.5 V)
L2
AVDDH (3.3 V) - PHY A
F1
AVDDLA (2.5 V)
G2
AVDDLB (2.5 V)
L5
AVDDLA (2.5 V)
A19
AVDDLA (2.5 V)
G3
AVDDLB (2.5 V)
L18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com