| Electronic Components Datasheet Search |
|
SPSB100 Datasheet(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB100 Datasheet(HTML) 51 Page - STMicroelectronics |
|
51 / 214 page ![]() If the temperature of a cluster reaches the thermal warning threshold then a dedicated status flag (TW_CLx bit) is set and an interrupt is issued. If the temperature of a cluster reaches the thermal shutdown threshold then a dedicated status flag is set, the outputs assigned to that cluster are shut down and depending on their configuration bit REGFAIL_GO_REC all outputs are shut down or not as described in the Section 3.6.2.5: Regulator faults management. Figure 29. Thermal cluster identification Thermal Cluster 0 Thermal Cluster 1 Thermal Cluster 2 Thermal Cluster 3 Thermal Cluster 4 1 56 SGND CSN SDO SDI CLK NRST VIO N.C. VS WU OUT_HS VREG FIN1 NFSO1 FB1 LDO2 GBY LDO1 FBB FB2 IRQ IGN SWDBG GND GLOBAL DLB N.C. N.C. N.C. Table 9. Thermal cluster definition Th_CL0 Th_CL1 Th_CL2 Th_CL3 Th_CL4 LDO1, central BUCK1 BUCK2 BUCK3 LDO2 TW digitally managed TSDC analog managed TW and TSD Both digitally managed TW and TSD Both digitally managed TW and TSD Both digitally managed TW and TSD Both digitally managed Clusters temperature is converted through the ADC and readable by SPI (through TEMP_CLx[9..0] bits), only in active full-power mode Note: • In the DEEP-SLEEP state all clusters are disabled. • In active low power all clusters are disabled except Th_CL0 to detect TSDC. Monitoring of central thermal cluster is insured by analog comparator, while other thermal clusters are monitored through the ADC. Latent fault detection of TSDC thermal comparator is covered by Analog-BIST. Latent fault detection of digital thermal monitor and ADC handler is covered by a Digital-BIST. SPSB100 Protection, diagnosis and monitoring signals DS14640 - Rev 1 page 51/214 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |