Electronic Components Datasheet Search
  English  ▼

X  

SPSB100 Datasheet(PDF) 56 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 52Page - STMicroelectronics SPSB100 Datasheet HTML 53Page - STMicroelectronics SPSB100 Datasheet HTML 54Page - STMicroelectronics SPSB100 Datasheet HTML 55Page - STMicroelectronics SPSB100 Datasheet HTML 56Page - STMicroelectronics SPSB100 Datasheet HTML 57Page - STMicroelectronics SPSB100 Datasheet HTML 58Page - STMicroelectronics SPSB100 Datasheet HTML 59Page - STMicroelectronics SPSB100 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 214 page
background image
5
Serial peripheral interface (SPI)
A 32-bit SPI is used for bidirectional communication with the microcontroller.
The microcontroller SPI peripheral shall be configured with CPOL = 0 and CPHA = 0: SDI input data is sampled
by the rising CLK edge, and SDO output data is updated on the falling CLK edge.
This device is not limited to microcontroller with a built-in SPI peripheral, instead three CMOS-compatible output
pins and one input pin may be used to communicate with the device. A fault condition can be detected by setting
CSN to low, in such condition the SDO pin reflects the global error flag GSBN of the device.
•
Chip select not (CSN)
The CSN input pin is used to select the serial interface of this device. When CSN is high, the output pin
SDO is in a high impedance state. CSN low activates the output driver and a serial communication can be
started. The state during CSN = 0 is called a communication frame. If CSN is low for t > tCSNfail the SDO
output will be switched back to high impedance not to block the signal line for other SPI nodes.
•
Serial data in (SDI)
The SDI input pin is used to transfer data into the device. The data applied to SDI are sampled at the rising
edge of the CLK signal and shifted into an internal 32-bit shift register. At the rising edge of the CSN signal
the content of the shift register is transferred to the data input register. The writing to the selected data
input register is enabled if exactly 32 bits are transmitted within one communication frame (that is, CSN
low). If more or less clock pulses are counted within one frame the complete frame is ignored and a SPI
error is signaled. This safety function is implemented to avoid an activation of the output stages by a wrong
communication frame. Due to this safety functionality, a daisy chaining of SPI is not possible. Instead, a
parallel operation of the SPI bus by controlling the CSN signal of the connected IC's is recommended.
•
Serial data out (SDO)
The data output driver is activated by a logical low level at the CSN input and will go from high impedance
to a low or high level depending on the global error flag GSBN. The first rising edge of the CLK input after a
high to low transition of the CSN pin transfers the content of the selected status register into the data out
shift register. Each subsequent falling edge of the CLK will shift the next bit out. As SDO is in high
impedance when CSN is high, it is possible to link several SPI target devices that respect this rule with a
dedicated CSN line for each SPI target.
•
Serial Clock (CLK)
The CLK input is used to synchronize the input and output bit streams. The data input (SDI) is sampled at
the rising edge of the CLK and the data output SDO is updated on the falling edge of the CLK signal.
5.1
ST-SPI
The ST-SPI is a standard used in ST automotive ASSP devices.
This chapter describes the SPI protocol. It defines a common structure of the communication frames and defines
specific addresses for product and status information.
The ST-SPI allows usage of generic software to operate the devices while maintaining the required flexibility to
adapt it to the individual functionality of a particular product. In addition, safety mechanisms are implemented to
protect the communication from external influences and wrong or unwanted usage.
SPSB100
Serial peripheral interface (SPI)
DS14640 - Rev 1
page 56/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com