Electronic Components Datasheet Search
  English  ▼

X  

SPSB100 Datasheet(PDF) 58 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 54Page - STMicroelectronics SPSB100 Datasheet HTML 55Page - STMicroelectronics SPSB100 Datasheet HTML 56Page - STMicroelectronics SPSB100 Datasheet HTML 57Page - STMicroelectronics SPSB100 Datasheet HTML 58Page - STMicroelectronics SPSB100 Datasheet HTML 59Page - STMicroelectronics SPSB100 Datasheet HTML 60Page - STMicroelectronics SPSB100 Datasheet HTML 61Page - STMicroelectronics SPSB100 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 214 page
background image
Figure 33. SPI signal description
The communication frame starts with the falling edge of the CSN (Communication Start). CLK has to be low.
The SDI data is then latched at all following rising CLK edges into the internal shift registers.
After Communication Start the SDO leaves high impedance state and present the MSB of the data shifted out to
the SDO. At all following falling CLK edges data is shifted out through the internal shift registers to SDO.
The communication frame is finished with the rising edge of CSN. If a valid communication took place, the
requested operation according to the operating code is performed.
5.2.2
Communication protocol
5.2.2.1
SDI frame
The devices data-in frame consists of 32 bits (OpCode (2 bits) + address (6 bits) + data (20 bits) + CRC (4 bits)).
The first two received bits (MSB, MSB-1) contain the operation code which indicates the instruction to be
performed. The following 6 bits (MSB-2 to MSB-7) represent the address on which the operation is performed.
The subsequent bytes contain the payload.
Figure 34. SDI frame
OC1 OC0
A5
A4
A3
A2
A1
A0
15
14
13
12
11
10
9
7
6
5
4
3
2
1
0
OPCODE
ADDRESS
DATA Byte 2
DATA Byte 1
8
MSB
LSB
time
time
time
23
22
21
20
19
18
17
DATA Byte 3
16
time
CRC
CRC
CRC
CRC
SPSB100
Serial peripheral interface (SPI)
DS14640 - Rev 1
page 58/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com