Electronic Components Datasheet Search
  English  ▼

X  

SPSB100 Datasheet(PDF) 66 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 62Page - STMicroelectronics SPSB100 Datasheet HTML 63Page - STMicroelectronics SPSB100 Datasheet HTML 64Page - STMicroelectronics SPSB100 Datasheet HTML 65Page - STMicroelectronics SPSB100 Datasheet HTML 66Page - STMicroelectronics SPSB100 Datasheet HTML 67Page - STMicroelectronics SPSB100 Datasheet HTML 68Page - STMicroelectronics SPSB100 Datasheet HTML 69Page - STMicroelectronics SPSB100 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 214 page
background image
ID
Description
Safety state
SR3
While the MCU is in RUN mode the PMIC shall
monitor the MCU communication and force a
reset of the MCU in case of error.
NRESET and NFSO pins are asserted, output regulators are set back
to their state resulting from a power-up sequence, then NRESET
assertion is maintained for a few ms then released. SPSB100 is in
RECOVERY-1 state. If the MCU communication fault persists then
SPSB100 executes a power-down/power-up sequence. If the MCU
communication fault persists further then output regulators are
stopped, NRESET and NFSO pins are asserted and SPSB100
reaches DEEP-SLEEP state.
SR4
The PMIC shall monitor the local temperature
of each supply regulator and force a shut-down
of the supply regulators in case of temperature
runaway.
Output regulators are stopped, NRESET and NFSO pins are asserted.
SPSB100 waits that the regulator temperature decrease then tries to
power-up again, if the fault is confirmed for 3 successive power-up
then output regulators are stopped, NRESET and NFSO pins are
asserted and SPSB100 reaches DEEP-SLEEP state.
SR5
The PMIC shall monitor the power dissipation
of BOOST external transistors and avoid their
destruction in case of runaway.
BOOST is stopped, error is signaled to MCU, SPSB100 state is
unchanged.
Note:
More details about functional safety can be found in the device safety manual, provided only upon customers
request.
6.1.2
MCU in Smart-Power mode
The following figure shows MCU in Smart-Power mode.
Figure 39. PMIC + MCU in Smart-Power mode
SPSB100
Functional safety concept
DS14640 - Rev 1
page 66/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com