Electronic Components Datasheet Search
  English  ▼

X  

SPSB100 Datasheet(PDF) 54 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 50Page - STMicroelectronics SPSB100 Datasheet HTML 51Page - STMicroelectronics SPSB100 Datasheet HTML 52Page - STMicroelectronics SPSB100 Datasheet HTML 53Page - STMicroelectronics SPSB100 Datasheet HTML 54Page - STMicroelectronics SPSB100 Datasheet HTML 55Page - STMicroelectronics SPSB100 Datasheet HTML 56Page - STMicroelectronics SPSB100 Datasheet HTML 57Page - STMicroelectronics SPSB100 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 214 page
background image
•
An echo signal of the watchdog block enable signal: WD_ENA_ECHO live bit in the status register.
•
An echo error detection mechanism: WD_ENA_ECHO_ERROR status bit is set if the device detects that
the watchdog block is turned OFF while the device is not in SW-DEBUG mode, and an interrupt is sent to
IRQ pin, except if MASK_WD_ENA_ECHO_ERROR_IRQ is set.
4.14
FCCU block monitoring
To detect an improper turn-OFF of the FCCU monitor feature, the device embeds:
•
An echo signal of the FCCU monitor block enable signal: FCCU_ENA_ECHO live bit in the status register.
•
An echo error detection mechanism: FCCU_ENA_ECHO_ERROR status bit is set if the device detects that
the FCCU monitor block is turned OFF in ACTIVE state, when FCCU_ENA has been set and an interrupt is
sent to IRQ pin, except if MASK_FCCU_ENA_ECHO_ERROR_IRQ is set.
4.15
Analog BIST
ABIST is performed on SPI request.
ABIST is not run on blocks that are turned OFF. The MCU shall ensure the proper turn ON of a block when its
ABIST is expected to be run.
ABIST covers latent fault detection of:
•
OV, UV, PG analog comparators.
•
Internal voltage and current supplies monitor.
•
Central thermal monitor.
•
BOOST and BYPASS VDS monitors.
ABIST must be run only in Active-Full power mode by MCU through the SPI. MCU shall write ABIST bit to request
its execution (only after SPI_PROTECT_ACCESS has been set).
After TABIST, ABIST is finished, the status bit ABIST_COMPLETE is set and an interrupt is sent to IRQ pin.
ABIST_ERROR is set in case an error is detected.
For boost VDSM monitoring, to avoid false ABIST error, a status bit ABIST_BOOST_IGNORED will be set at 1 if
ABIST request is done during boost PWM activity.
4.16
Logic BIST
The SPSB100 integrates two logic BIST:
•
LBIST1 is performed at INIT state only.
•
LBIST2 is performed at INIT state and on SPI request.
Figure 31. Logic BIST
SPI
core
SPI regs
Redundant Safety
Critical SPI regs
FSM
Redundant
FSM
FSM
comparator
Legend :
•
Not covered by LBIST
•
Covered by LBIST1 ran at INIT state of FSM only
•
Covered by LBIST2 ran at INIT state of FSM and on MCU request
SPI
I/F
SPSB100
Protection, diagnosis and monitoring signals
DS14640 - Rev 1
page 54/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com