Electronic Components Datasheet Search
  English  ▼

X  

SPSB100 Datasheet(PDF) 107 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 103Page - STMicroelectronics SPSB100 Datasheet HTML 104Page - STMicroelectronics SPSB100 Datasheet HTML 105Page - STMicroelectronics SPSB100 Datasheet HTML 106Page - STMicroelectronics SPSB100 Datasheet HTML 107Page - STMicroelectronics SPSB100 Datasheet HTML 108Page - STMicroelectronics SPSB100 Datasheet HTML 109Page - STMicroelectronics SPSB100 Datasheet HTML 110Page - STMicroelectronics SPSB100 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 214 page
background image
Component
Block/Usage
Min
Typ Max Unit
Note
Rated voltage: > 40 VDC
X7S
SMD
Choice: GCJ32EC71H106KA01
C_Boost_ALU
Option ALU capacitance at
FBB
0
100
150
μF
ESR: < 30 mΩ
Capacitance change or temperature coefficient: < |32%|
Rated voltage: > 40 VDC
AL ELEC CAP
SMD
Choice: GYC1H101MCQ1GS
Q1_Boost
-
-
-
-
-
RDS(ON): < 10 mΩ
V(BR)DSS: > 40 V
VGS: ±20 V
ID (continuous): > 20 A
ID (pulse): > 40 A
VGS_TH: < 3 V
Choice: STL105N4LF7AG
D1_Boost
D2_Boost
-
-
-
-
-
Schottky
IF(AV): > 25 A
VRRM: > 40 V
VF(max): < 0.7 V
Choice: STPS3045DJF
L_Boost
BOOST inductance
0.8
1
1.2
μH
DCR: < 10 mΩ
Isat: > 20 A
Derating < 40%
Choice: IHLP-4040DZ-11
Rpr
Resistor for VS pin
protection
0.95
1
1.05
K Ω -
Rg
Serial gate resistor of
Q1_BOOST
2.09
2.2
2.31
Ω
-
Rg_pd
Pull-down resistor of
Q1_BOOST gate
142.5 150 157.5
kΩ
-
Q2_Bypass
-
-
-
-
–-
RDS(ON): < 10 mΩ
V(BR)DSS: > 40 V
VGS: ±20 V
ID (continuous): > 20 A
ID (pulse): > 40 A
VGS_TH: < 3 V
Choice: STD45P4LLF6AG
DZby
Zener diode to clamp VGS
of Q2 bypass
-
-
-
-
Voltage clamp = 18 V
Choice: SM4T18AY
Rcl
Discharge resistor to short
VGS of Q2 bypass in OFF
STATE
20.9
22
23.1
KΩ -
SPSB100
Application circuit
DS14640 - Rev 1
page 107/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com