Electronic Components Datasheet Search
  English  ▼

X  

SPSB100 Datasheet(PDF) 132 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 132 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 128Page - STMicroelectronics SPSB100 Datasheet HTML 129Page - STMicroelectronics SPSB100 Datasheet HTML 130Page - STMicroelectronics SPSB100 Datasheet HTML 131Page - STMicroelectronics SPSB100 Datasheet HTML 132Page - STMicroelectronics SPSB100 Datasheet HTML 133Page - STMicroelectronics SPSB100 Datasheet HTML 134Page - STMicroelectronics SPSB100 Datasheet HTML 135Page - STMicroelectronics SPSB100 Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 214 page
background image
Table 96. DCR7 (0x07) MSB description
Bit
Name
Description
23
RES
Reserved
22
MASK_LDO1_PG_IRQ
Mask regulator power-good interruption when turned ON through SPI
No interrupt generated when turned on by power-up sequence
1: IRQ signal is not generated
0: IRQ signal is generated when the regulator is turned ON through SPI (default)
21
MASK_LDO1_PG_TIMEOUT_IRQ
Mask LDO1 power-good timeout when turned on by SPI request
No interrupt generated when turned on by power-up sequence
1: IRQ signal is not generated
0: IRQ signal is generated (default)
20
MASK_LDO1_IRQ
Mask LDO1 undervoltage interruption
1: IRQ signal is not generated
0: IRQ signal is generated (default)
19
MASK_BOOST_IN_LP_IRQ
1: IRQ masked
0: IRQ not masked
18
MASK_BYPASS_VDSMON_IRQ
1: IRQ masked
0: IRQ not masked
17
MASK_BOOST_VDSMON_IRQ
1: IRQ masked
0: IRQ not masked
16
IRQ_REQUEST
1: Send IRQ to MCU
This bit is automatically cleared and always read low
0: No action
Table 97. DCR7 (0x07)
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
MASK_VS_EW_IRQ
RES
MASK_CL4_TW_IRQ
MASK_CL3_TW_IRQ
MASK_CL2_TW_IRQ
MASK_CL1_TW_IRQ
MASK_CL0_TW_IRQ
MASK_OUTHS_IRQ
Mask VS early
warning interrupt bit
Reserved
bit
Mask current
limitation 4 thermal
warning interrupt bit
Mask current
limitation 3 thermal
warning interrupt bit
Mask current
limitation 2 thermal
warning interrupt bit
Mask current
limitation 1 thermal
warning interrupt bit
Mask current
limitation 0 thermal
warning interrupt bit
Mask out high side
interrupt bit
Table 98. DCR7 (0x07) description
Bit
Name
Description
15
MASK_VS_EW_IRQ
1: IRQ masked
0: IRQ not masked
14
RES
Reserved
13
MASK_CL4_TW_IRQ
1: IRQ masked
0: IRQ not masked
12
MASK_CL3_TW_IRQ
1: IRQ masked
0: IRQ not masked
11
MASK_CL2_TW_IRQ
1: IRQ masked
0: IRQ not masked
10
MASK_CL1_TW_IRQ
1: IRQ masked
0: IRQ not masked
SPSB100
SPI registers
DS14640 - Rev 1
page 132/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com