Electronic Components Datasheet Search
  English  ▼

X  

SPSB100 Datasheet(PDF) 212 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 212 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 206Page - STMicroelectronics SPSB100 Datasheet HTML 207Page - STMicroelectronics SPSB100 Datasheet HTML 208Page - STMicroelectronics SPSB100 Datasheet HTML 209Page - STMicroelectronics SPSB100 Datasheet HTML 210Page - STMicroelectronics SPSB100 Datasheet HTML 211Page - STMicroelectronics SPSB100 Datasheet HTML 212Page - STMicroelectronics SPSB100 Datasheet HTML 213Page - STMicroelectronics SPSB100 Datasheet HTML 214Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 212 / 214 page
background image
List of figures
Figure 1.
Block diagram .................................................................... 3
Figure 2.
Pin connection (top view) ............................................................. 4
Figure 3.
VFQFN56+4L printed circuit board 4 layers - Top layer ....................................... 10
Figure 4.
Max power dissipation vs ambient temperature for case "A" and case "B" .......................... 11
Figure 5.
Configuration 1: direct supply of the microcontroller core ...................................... 12
Figure 6.
Configuration 2: direct supply of the microcontroller core by internal SMPS ......................... 13
Figure 7.
Boost controller block diagram ........................................................ 14
Figure 8.
Boost controller disabled block diagram .................................................. 15
Figure 9.
Battery plug/unplug behavior ......................................................... 15
Figure 10.
Battery drop behavior .............................................................. 16
Figure 11.
Behavior on battery over voltage....................................................... 17
Figure 12.
State machine without fault transitions ................................................... 23
Figure 13.
State machine details with WD trig and FCCU monitor faults management .......................... 24
Figure 14.
State machine details on power-up fault (1) ............................................... 25
Figure 15.
State machine details on power-up fault (2) ............................................... 26
Figure 16.
State machine details onTSDC fault .................................................... 27
Figure 17.
Regulator faults reaction with REGFAIL_GO_REC = 1........................................ 28
Figure 18.
Regulator faults reaction with REGFAIL_GO_REC = 0........................................ 29
Figure 19.
FBB pin voltage fault reaction ......................................................... 30
Figure 20.
VS pin voltage fault reaction .......................................................... 30
Figure 21.
State machine ................................................................... 31
Figure 22.
Power-up sequence ............................................................... 35
Figure 23.
Power-down sequence ............................................................. 36
Figure 24.
Procedure to program the NVM ....................................................... 37
Figure 25.
NFSO1 implementation details ........................................................ 42
Figure 26.
NFSO1 output pin behavior at battery plug ................................................ 43
Figure 27.
NFSO1 output pin behavior after a failure is detected ........................................ 43
Figure 28.
Boost and bypass Vds monitoring (extracted by application scheme) .............................. 50
Figure 29.
Thermal cluster identification ......................................................... 51
Figure 30.
HW low level monitors .............................................................. 52
Figure 31.
Logic BIST ...................................................................... 54
Figure 32.
SPI pin description ................................................................ 57
Figure 33.
SPI signal description .............................................................. 58
Figure 34.
SDI frame ...................................................................... 58
Figure 35.
SDO frame...................................................................... 60
Figure 36.
CRC (cyclic redundancy check) calculation ............................................... 63
Figure 37.
Window watchdog operation.......................................................... 64
Figure 38.
PMIC + MCU in RUN mode .......................................................... 65
Figure 39.
PMIC + MCU in Smart-Power mode .................................................... 66
Figure 40.
PMIC + MCU in Stand-By mode ....................................................... 67
Figure 41.
Vout = 6.5 V and VIN12 = 10 V at 400 kHz ................................................. 80
Figure 42.
Vout = 5.0 V and VIN12 = 10 V at 400 kHz ................................................. 80
Figure 43.
Vout = 3.3 V and VIN12 = 10 V at 400 kHz ................................................. 81
Figure 44.
Vout = 6.5 V and VIN12 = 10 V at 2.4 MHz................................................. 81
Figure 45.
Vout = 5.0 V and VIN12 = 10 V at 2.4 MHz................................................. 82
Figure 46.
Vout = 3.3 V and VIN12 = 10 V at 2.4 MHz................................................. 82
Figure 47.
Load transient curve for BUCK1, 2 at f = 400 kHz ........................................... 83
Figure 48.
Load transient curve for BUCK1, 2 at 3.3 V at f = 2.4 MHz ..................................... 83
Figure 49.
Load transient curve for BUCK1, 2 at 5 V at f = 2.4 MHz ...................................... 83
Figure 50.
Line transient curve for BUCK1, 2 at 3.3 V ................................................ 84
Figure 51.
Line transient curve for BUCK1, 2 at 5 V ................................................. 84
Figure 52.
Current limitation curves of BUCK1, 2 for Vout 3.3 V ......................................... 85
SPSB100
List of figures
DS14640 - Rev 1
page 212/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com