Electronic Components Datasheet Search
  English  ▼

X  

PX3SE Datasheet(PDF) 35 Page - Rockchip Electronics Co., Ltd

Part # PX3SE
Description  Rockchip PX3 SE Datasheet
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

PX3SE Datasheet(HTML) 35 Page - Rockchip Electronics Co., Ltd

Back Button PX3SE Datasheet HTML 31Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 32Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 33Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 34Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 35Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 36Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 37Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 38Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 39Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
PX3 SE Datasheet
Rev 1.2
Copyright ©2017 Fuzhou Rockchip Electronics Co., Ltd.
35
2.5.3 IO pin name descriptions
This sub-chapter will focus on the detailed function description of every pins based on
different interface.
Table 2-3 PX3 SE IO function description list
Interface
Pin Name
Direction
Description
Misc
XIN24M
I
Clock input of 24MHz crystal
XOUT24M
O
Clock output of 24MHz crystal
NPOR
I
Power on reset for chip
Interface
Pin Name
Direction
Description
Debug
TCK
I
JTAG interface clock input/SWD
interface clock input
TMS
I/O
JTAG interface TMS input/SWD
interface data out
Interface
Pin Name
Direction
Description
SD/MMC
Host
Controller
sdmmc_clkout
O
sdmmc card clock.
sdmmc_cmd
I/O
sdmmc card command output
and reponse input.
sdmmc_datai
(i=0~3)
I/O
sdmmc card data input and
output.
sdmmc_detect_n
I
sdmmc card detect signal, a 0
represents presence of card.
sdmmc_write_prt
I
sdmmc card write protect signal,
a 1 represents write is
protected.
sdmmc_rstn_out
O
sdmmc card reset signal
sdmmc_pwr_en
O
sdmmc card power-enable
control signal
Interface
Pin Name
Direction
Description
SDIO
Host
Controller
sdio_clkout
O
sdio card clock.
sdio_cmd
I/O
sdio card command output and
reponse input.
sdio_datai
(i=0~3)
I/O
sdio card data input and output.
sdio_detect_n
I
sdio card detect signal, a 0
represents presence of card.
sdio_write_prt
I
sdio card write protect signal, a 1
represents write is protected.
sdio_pwr_en
O
sdio card power-enable control
signal
sdio_int_n
O
sdio card interrupt indication
sdio_backend
O
the back-end power supply for
embedded device
Interface
Pin Name
Direction
Description
eMMC
Interface
emmc_clkout
O
emmc card clock.
emmc_cmd
I/O
emmc card command output and
reponse input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com