Electronic Components Datasheet Search
  English  ▼

X  

PX3SE Datasheet(PDF) 13 Page - Rockchip Electronics Co., Ltd

Part # PX3SE
Description  Rockchip PX3 SE Datasheet
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

PX3SE Datasheet(HTML) 13 Page - Rockchip Electronics Co., Ltd

Back Button PX3SE Datasheet HTML 9Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 10Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 11Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 12Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 13Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 14Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 15Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 16Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 17Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
PX3 SE Datasheet
Rev 1.2
Copyright ©2017 Fuzhou Rockchip Electronics Co., Ltd.
13
Color enhancement
Gamma adjustment
High quality scale
 Averaging filter down-scaling
Bi-cubic up-scaling
Arbitrary non-integer horizontal & vertical scaling ratio range from 1/16 to 16
De-interlace
 3x5 Y motion detection matrix
Source width up to 1920
Configured high frequency de-interlace
I4O2 (Input 4 field, output 2 frame) /I4O1B/I4O1T/I2O1B/I2O1T mode
Interface
 Configured direct path to LCDC if source width no more than 1920
32bit AHB bus slave
64bit AXI bus master
Combined interrupt output
1.1.10 Graphics Engine
3D Graphics Engine :
High performance OpenGL ES1.1 and 2.0, OpenVG1.1 etc.
Embedded 4 shader cores with shared hierarchical tiler
Separate vertex(geometry) and fragment(pixel) processing for maximum parallel
throughput
Provide MMU and L2 Cache with 32KB size
2D Graphics Engine(RGA module) :
Bit Blit with Strength Blit, Simple Blit and Filter Blit
Color fill with gradient fill, and pattern fill
Line drawing with anti-aliasing and specified width
High-performance stretch and shrink
Monochrome expansion for text rendering
ROP2, ROP3, ROP4 full alpha blending and transparency
Alpha blending modes including Java 2 Porter-Duff compositing blending rules ,
chroma key, and pattern mask
8K x 8K raster 2D coordinate system
Arbitrary degrees rotation with anti-aliasing on every 2D primitive
Programmable bicubic filter to support image scaling
Blending, scaling and rotation are supported in one pass for stretch blit
Source formats :
ABGR8888, XBGR888, ARGB8888, XRGB888
RGB888, RGB565
RGBA5551, RGBA4444
YUV420 planar, YUV420 semi-planar
YUV422 planar, YUV422 semi-planar
BPP8, BPP4, BPP2, BPP1
Destination formats :
ABGR8888, XBGR888, ARGB8888, XRGB888
RGB888, RGB565
RGBA5551, RGBA4444
YUV420 planar, YUV420 semi-planar only in filter and pre-scale mode
YUV422 planar, YUV422 semi-planar only in filter and pre-scale mode
1.1.11 Video IN/OUT
Camera Interface
Support up to 5M pixels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com