Electronic Components Datasheet Search
  English  ▼

X  

PX3SE Datasheet(PDF) 53 Page - Rockchip Electronics Co., Ltd

Part # PX3SE
Description  Rockchip PX3 SE Datasheet
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

PX3SE Datasheet(HTML) 53 Page - Rockchip Electronics Co., Ltd

Back Button PX3SE Datasheet HTML 46Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 47Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 48Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 49Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 50Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 51Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 52Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 53Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 54Page - Rockchip Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 53 / 54 page
background image
PX3 SE Datasheet
Rev 1.2
Copyright ©2017 Fuzhou Rockchip Electronics Co., Ltd.
53
CAP, the LINEL and LINER have the same function as the MICL and MICR. The R1 and C3
are formed a filter for the MIC, and the R2, C4 have same function. The VREF_MIC is used
for bias the MIC through a resistor. The resistor value should be changed according the
MIC. The AVDD should be supplied by 3.3V. The CAP connected with AVDD should be
placed as close as possible
The VCM is connected with GND through a 4.7Uf CAP. The CAP should be placed as close as
possible. The VOUTL and VOUTR could be connected with a speaker or an earphone. When
connecting with a speaker, they could connect it directly. When connecting with an
earphone, they should connect it through a 100uF CAP. The J19 and J20 are dip-switches,
and you could select a speaker or an earphone as the output.
4.6 PX3 SE Power on reset descriptions
NPOR is hardware reset signal from out-chip, which is filtered glitch to obtain signal
sysrstn. To make PLLs work normally, the PLL reset signal (pllrstn) must maintain high for
more than 1us, and PLLs start to lock when pllrstndeassert, andthe PLL max lock time is
1500 PLL REFCLK cycles. And then the system will wait about 138us, and then deactive
reset signal chiprstn. The signal chiprstn is used to generate output clocks in CRU. After
CRU start output clocks, the system waits again for 512cycles (21.3us) to deactive signal
rstn_pre, which is used to generate power on reset of all IP.
npor
sysrstn
pllrstn
1.3us
chiprstn
138us
rstn_pre
(IP reset)
21.3us
Fig.4-9 PX3 SE reset signals sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com