Electronic Components Datasheet Search
  English  ▼

X  

PX3SE Datasheet(PDF) 10 Page - Rockchip Electronics Co., Ltd

Part # PX3SE
Description  Rockchip PX3 SE Datasheet
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

PX3SE Datasheet(HTML) 10 Page - Rockchip Electronics Co., Ltd

Back Button PX3SE Datasheet HTML 6Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 7Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 8Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 9Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 10Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 11Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 12Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 13Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 14Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
PX3 SE Datasheet
Rev 1.2
Copyright ©2017 Fuzhou Rockchip Electronics Co., Ltd.
10
different application scenes
Timer
6 on-chip 64bits Timers in SoC with interrupt-based operation
Provide two operation modes: free-running and user-defined count
Support timer work state checkable
Fixed 24MHz clock input
PWM
Four on-chip PWMs with interrupt-based operation
Programmable pre-scaled operation to bus clock and then further scaled
Embedded 32-bit timer/counter facility
Support capture mode
Support continuous mode or one-shot mode
Provides reference mode and output various duty-cycle waveform
WatchDog
32 bits watchdog counter width
Counter clock is from apb bus clock
Counter counts down from a preset value to 0 to indicate the occurrence of a
timeout
WDT can perform two types of operations when timeout occurs:
Generate a system reset
First generate an interrupt and if this is not cleared by the service routine by
the time a second timeout occurs then generate a system reset
Programmable reset pulse length
Totally 16 defined-ranges of main timeout period
Bus Architecture
128bit/64-bit/32-bit multi-layer AXI/AHB/APB composite bus architecture
5 embedded AXI interconnect
CPU interconnect with four 64-bits AXI masters, one 64-bits AXI slaves, one
32-bits AHB master and lots of 32-bits AHB/APB slaves
PERI interconnect with two 64-bits AXI masters, one 64-bits AXI slave, five 32-
bits AHB masters and lots of 32-bits AHB/APB slaves
Display interconnect with three 128-bits AXI master, four 64-bits AXI masters
and one 32-bits AHB slave
GPU interconnect with one 128-bits AXI master with point-to-point AXI-lite
architecture and 32-bits APB slave
VCODEC interconnect also with two 64-bits AXI master and two 32-bits AHB
slave, they are point-to-point AXI-lite architecture
Flexible different QoS solution to improve the utility of bus bandwidth
Interrupt Controller
Support 3 PPI interrupt source and 74 SPI interrupt sources input from different
components inside PX3 SE
Support 16 softwre-triggered interrupts
Input interrupt level is fixed , only high-level sensitive
Two interrupt outputs (nFIQ and nIRQ)separatelyfor each Cortex-A7, both are low-
level sensitive
Support different interrupt priority for each interrupt source, and they are always
software-programmable
DMAC
Micro-code programming based DMA
The specific instruction set provides flexibility for programming DMA transfers
Linked list DMA function is supported to complete scatter-gather transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com