Electronic Components Datasheet Search
  English  ▼

X  

PX3SE Datasheet(PDF) 14 Page - Rockchip Electronics Co., Ltd

Part # PX3SE
Description  Rockchip PX3 SE Datasheet
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

PX3SE Datasheet(HTML) 14 Page - Rockchip Electronics Co., Ltd

Back Button PX3SE Datasheet HTML 10Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 11Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 12Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 13Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 14Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 15Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 16Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 17Page - Rockchip Electronics Co., Ltd PX3SE Datasheet HTML 18Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
PX3 SE Datasheet
Rev 1.2
Copyright ©2017 Fuzhou Rockchip Electronics Co., Ltd.
14
8bits CCIR656(PAL/NTSC) interface
8bits raw data interface
YUV422 data input format with adjustable YUV sequence
YUV422,YUV420 output format with separately Y and UV space
Support image crop with arbitrary windows
Display Interface
Support HDMI 1.4 output up to 1080P@60Hz
TV Interface: ITU-R BT.656(8-bit, 480i/576i/1080i),TV encoder 10bit out for DAC,
RGB888+1080i for HDMI, Parallel RGB HDMI interface:24-bit(RGB888 YCbCr444)
Max output resolution 1920x1080 for HDMI, 480i/576i for CVBS
4 display layers :
One background layer with programmable 24bits color
One video layer (win0)
RGB888, ARGB888, RGB565, YCbCr422, YCbCr420, YCbCr444
maximum resolution is 1920x1080,support virtual display
1/8 to 8 scaling up/down engine with arbitrary non-integer ratio
256 level alpha blending(pre-multiplied alpha support)
Support transparency color key
De-flicker support for interlace output
Direct path support
YCbCr2RGB(rec601-mpeg/rec601-jpeg/rec709)
RGB2YCbCr(BT601/BT709)
One video layer (win1)
RGB888, ARGB888, RGB565
Support virtual display
256 level alpha blending (pre-multiplied alpha support)
Support transparency color key
Direct path support
RGB2YCbCr(BT601/BT709)
Hardware cursor(win3)
8BPP (ARGB888 LUT)
Support two size: 32x32 and 64x64
256 level alpha blending
Support hwc over panel at right and below side
Win0 and Win1 layer overlay exchangeable
3 x 256 x 8 bits display LUTs
Support replication(16bits to 24bits) and dithering(24bits to 16bits/ 18bits)
operation
Blank and blank display
Scaler
Output for RGB (max up to 1024x768), not support interlace
1.1.12 LVDS
Up to 135MHz clock support
28:4 data sub channel compression at data rates up to 945 Mbps per channel
Support VGA, SVGA, XGA and WXGA and 24bit display
PLL requires no external components
Comply with the standard TIA/EIA-644-A LVDS standard
Support alternative LVDS output or LVTTL output
1.1.13 MIPI DPHY
Embedded 1 MIPI DPHY for TX
Support 4 data lane
Support WXGA 1280x800 @60fps output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com