Electronic Components Datasheet Search
  English  ▼

X  

AD7768 Datasheet(PDF) 40 Page - Analog Devices

Part # AD7768
Description  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz Bandwidth
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD7768 Datasheet HTML 36Page - Analog Devices AD7768 Datasheet HTML 37Page - Analog Devices AD7768 Datasheet HTML 38Page - Analog Devices AD7768 Datasheet HTML 39Page - Analog Devices AD7768 Datasheet HTML 40Page - Analog Devices AD7768 Datasheet HTML 41Page - Analog Devices AD7768 Datasheet HTML 42Page - Analog Devices AD7768 Datasheet HTML 43Page - Analog Devices AD7768 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 106 page
background image
Data Sheet
AD7768/AD7768-4
TERMINOLOGY
analog.com
Rev. C | 40 of 106
AC Common-Mode Rejection Ratio (AC CMRR)
AC CMRR is defined as the ratio of the power in the ADC output
at frequency, f, to the power of a sine wave applied to the common-
mode voltage of AINx+ and AINx− at sampling frequency, fS.
AC CMRR (dB) = 10log(Pf/PfS)
where:
Pf is the power at frequency, f, in the ADC output.
PfS is the power at frequency, fS, in the ADC output.
Gain Error
The first transition (from 100 … 000 to 100 … 001) occurs at
a level ½ LSB above nominal negative full scale (−4.0959375 V
for the ±4.096 V range). The last transition (from 011 … 110 to
011 … 111) occurs for an analog voltage 1½ LSB below the nominal
full scale (4.0959375 V for the ±4.096 V range). The gain error
is the deviation of the difference between the actual level of the
last transition and the actual level of the first transition from the
difference between the ideal levels.
Gain Error Drift
Gain error drift is the gain error change due to a temperature
change of 1°C. It is expressed in parts per million per degree
Celsius.
Integral Nonlinearity (INL) Error
INL error refers to the deviation of each individual code from a
line drawn from negative full scale through positive full scale. The
point used as negative full scale occurs ½ LSB before the first code
transition. Positive full scale is defined as a level 1½ LSB greater
than the last code transition. The deviation is measured from the
middle of each code to the true straight line.
Intermodulation Distortion (IMD)
With inputs consisting of sine waves at two frequencies, fa and fb,
any active device with nonlinearities creates distortion products at
the sum and difference frequencies of mfa and nfb, where m, n =
0, 1, 2, 3, and so on. Intermodulation distortion terms are those for
which neither m or n are equal to 0. For example, the second-order
terms include (fa + fb) and (fa − fb), and the third-order terms
include (2fa + fb), (2fa − fb), (fa + 2fb), and (fa − 2fb).
The AD7768/AD7768-4 are tested using the CCIF standard, where
two input frequencies near to each other are used. In this case,
the second-order terms are usually distanced in frequency from the
original sine waves, and the third-order terms are usually at a fre-
quency close to the input frequencies. As a result, the second-order
and third-order terms are specified separately. The calculation of
the intermodulation distortion is as per the THD specification, where
it is the ratio of the rms sum of the individual distortion products
to the rms amplitude of the sum of the fundamentals, expressed in
decibels.
Least Significant Bit (LSB)
The least significant bit, or LSB, is the smallest increment that can
be represented by a converter. For a fully differential input ADC with
N bits of resolution, the LSB expressed in volts is as follows:
LSB (V) = (2 × VREF)/2N
For the AD7768/AD7768-4, VREF is the difference voltage between
the REFx+ and REFx− pins, and N = 24.
Offset Error
Offset error is the difference between the ideal midscale input
voltage (0 V) and the actual voltage producing the midscale output
code.
Power Supply Rejection Ratio (PSRR)
Variations in power supply affect the full-scale transition but not
the linearity of the converter. PSRR is the maximum change in
the full-scale transition point due to a change in the power supply
voltage from the nominal value.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the rms value of the actual input signal to
the rms sum of all other spectral components below the Nyquist
frequency, excluding harmonics and dc. The value for SNR is
expressed in decibels.
Signal-to-Noise-and-Distortion Ratio (SINAD)
SINAD is the ratio of the rms value of the actual input signal to
the rms sum of all other spectral components below the Nyquist
frequency, including harmonics but excluding dc. The value for
SINAD is expressed in decibels.
Spurious-Free Dynamic Range (SFDR)
SFDR is the difference, in decibels, between the rms amplitude of
the input signal and the peak spurious signal (excluding the first five
harmonics).
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of the first five harmonic compo-
nents to the rms value of a full-scale input signal and is expressed
in decibels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com