Electronic Components Datasheet Search
  English  ▼

X  

AD7768 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7768
Description  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz Bandwidth
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7768 Datasheet HTML 25Page - Analog Devices AD7768 Datasheet HTML 26Page - Analog Devices AD7768 Datasheet HTML 27Page - Analog Devices AD7768 Datasheet HTML 28Page - Analog Devices AD7768 Datasheet HTML 29Page - Analog Devices AD7768 Datasheet HTML 30Page - Analog Devices AD7768 Datasheet HTML 31Page - Analog Devices AD7768 Datasheet HTML 32Page - Analog Devices AD7768 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 106 page
background image
Data Sheet
AD7768/AD7768-4
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
analog.com
Rev. C | 29 of 106
Table 10. AD7768-4 Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
56
FORMAT0
DI
Format Selection. Hardwire the FORMAT0 pin to the required value in pin and SPI control mode. This pin sets
the number of DOUTx pins used to output ADC conversion data. The FORMAT0 pin is checked by the AD7768-4
on power-up, the AD7768-4 then remains in this data output configuration. See Table 34.
57
PIN/SPI
DI
Pin Control/SPI Control. This pin sets the AD7768-4 control method.
Logic 0 = pin control mode for the AD7768-4. Pin control mode allows pin strapped configuration of the AD7768-4
by tying logic input pins to required logic levels. Tie logic pins (MODE0 to MODE4, DEC0 and DEC1, and
FILTER) as required for the configuration. See the Pin Control section for more details.
Logic 1 = SPI control mode for the AD7768-4. Use the SPI control interface signals (CS, SCLK, SDI, and SDO)
for reading and writing to the AD7768-4 memory map.
58
CLK_SEL
DI
Clock Select.
Logic 0 = pull this pin low for the CMOS clock option. The clock is applied to Pin 32 (Connect Pin 31 to DGND).
Logic 1 = pull this pin high for the crystal or LVDS clock option. The crystal or LVDS clock is applied to Pin 31
and Pin 32. The LVDS option is available only in SPI control mode. A write is required to enable the LVDS clock
option.
59
VCM
AO
Common-Mode Voltage Output. This pin outputs (AVDD1 − AVSS)/2 V, which is 2.5 V by default in pin control
mode. Configure this pin to (AVDD1 − AVSS)/2 V, 2.5 V, 2.14 V, or 1.65 V in SP control mode. When driving
capacitive loads larger than 0.1 µF, it is recommended to place a 50 Ω series resistor between the pin and the
capacitive load for stability. The VCM voltage output is associated with the Channel 0 circuitry. If Channel 0 is
put into standby mode, the VCM voltage output is also disabled for maximum power savings. Channel 0 must be
enabled while VCM is being used externally to the AD7768-4.
60
AVDD2A
P
Analog Supply Voltage. This pin is 2 V to 5.5 V with respect to AVSS.
61
REGCAPA
AO
Analog LDO Regulator Output. Decouple this pin to AVSS with a 1 µF capacitor.
62
AVSS2A
P
Negative Analog Supply. This pin is nominally 0 V.
63
AIN0−
AI
Negative Analog Input to ADC Channel 0.
64
AIN0+
AI
Positive Analog Input to ADC Channel 0.
1 AI is analog input, P is power, DI/O is digital input/output, DI is digital input, DO is digital output, and AO is analog output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com