Electronic Components Datasheet Search
  English  ▼

X  

AD7768 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7768
Description  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz Bandwidth
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7768 Datasheet HTML 12Page - Analog Devices AD7768 Datasheet HTML 13Page - Analog Devices AD7768 Datasheet HTML 14Page - Analog Devices AD7768 Datasheet HTML 15Page - Analog Devices AD7768 Datasheet HTML 16Page - Analog Devices AD7768 Datasheet HTML 17Page - Analog Devices AD7768 Datasheet HTML 18Page - Analog Devices AD7768 Datasheet HTML 19Page - Analog Devices AD7768 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 106 page
background image
Data Sheet
AD7768/AD7768-4
SPECIFICATIONS
analog.com
Rev. C | 16 of 106
2 Following a system zero-scale calibration, the offset error is in the order of the noise for the programmed output data rate selected. A system full-scale calibration reduces
the gain error to the order of the noise for the programmed output data rate.
3 This configuration of setting Channel Mode A to the sinc5 filter and/or assigning disabled channels to Channel Mode A allows a lower power consumption to be achieved
due to the disabling of internal clocks on the disabled only and sinc5 only channel modes. This configuration requires assigning sinc5 and wideband filters to different
channels, or channel modes, and is only available in SPI control mode. In pin control mode, all channels, whether active or in standby, effectively use the same channel
mode. See the Channel Modes section for more details.
TIMING SPECIFICATIONS
AVDD1A = AVDD1B = 5 V, AVDD2A = AVDD2B = 5 V, IOVDD = 2.25 V to 3.6 V, Input Logic 0 = DGND, Input Logic 1 = IOVDD, CLOAD = 10
pF on the DCLK pin, CLOAD = 20 pF on the other digital outputs, REFx+ = 4.096 V, TA = −40°C to +105°C. See Table 5 and Table 6 for timing
specifications at 1.8 V IOVDD.
Table 3. Data Interface Timing1
Parameter
Description
Test Conditions/Comments
Min
Typ
Max
Unit
MCLK
Master clock
1.15
34
MHz
fMOD
Modulator frequency
Fast mode
MCLK/4
Hz
Median mode
MCLK/8
Hz
Low power mode
MCLK/32
Hz
t1
DRDY high time
DCLK time period (tDCLK) = t8 + t9
tDCLK − 10%
28
ns
t2
DCLK rising edge to DRDY rising edge
2
ns
t3
DCLK rising to DRDY falling
−3.5
0
ns
t4
DCLK rise to DOUTx valid
1.5
ns
t5
DCLK rise to DOUTx invalid
−3
ns
t6
DOUTx valid to DCLK falling
9.5
tDCLK/2
ns
t7
DCLK falling edge to DOUTx invalid
9.5
tDCLK/2
ns
t8
DCLK high time, DCLK = MCLK/1
50:50 CMOS clock
tDCLK/2
tDCLK/2
(tDCLK/2) + 5
ns
t8a = DCLK = MCLK/2
tMCLK = 1/MCLK
tMCLK
ns
t8b = DCLK = MCLK/4
2 × tMCLK
ns
t8c = DCLK = MCLK/8
4 × tMCLK
ns
t9
DCLK low time DCLK = MCLK/1
50:50 CMOS clock
(tDCLK/2) − 5
tMCLK/2
tDCLK/2
ns
t9a = DCLK = MCLK/2
tMCLK
ns
t9b = DCLK = MCLK/4
2 × tMCLK
ns
t9c = DCLK = MCLK/8
4 × tMCLK
ns
t10
MCLK rising to DCLK rising
CMOS clock
30
ns
t11
Setup time (daisy-chain inputs)
DOUT6 and DOUT7 on the AD7768, DIN on
the AD7768-4
14
ns
t12
Hold time (daisy-chain inputs)
DOUT6 and DOUT7 on the AD7768, DIN on
the AD7768-4
0
ns
t13
START low time
1 × tMCLK
ns
t14
MCLK to SYNC_OUT valid
CMOS clock
SYNC_OUT RETIME_EN bit disabled,
measured from falling edge of MCLK
4.5
22
ns
SYNC_OUT RETIME_EN bit enabled,
measured from rising edge of MCLK
9.5
27.5
ns
t15
SYNC_IN setup time
CMOS clock
0
ns
t16
SYNC_IN hold time
CMOS clock
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com