Electronic Components Datasheet Search
  English  ▼

X  

AD7768 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7768
Description  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz Bandwidth
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7768 Datasheet HTML 19Page - Analog Devices AD7768 Datasheet HTML 20Page - Analog Devices AD7768 Datasheet HTML 21Page - Analog Devices AD7768 Datasheet HTML 22Page - Analog Devices AD7768 Datasheet HTML 23Page - Analog Devices AD7768 Datasheet HTML 24Page - Analog Devices AD7768 Datasheet HTML 25Page - Analog Devices AD7768 Datasheet HTML 26Page - Analog Devices AD7768 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 106 page
background image
Data Sheet
AD7768/AD7768-4
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
analog.com
Rev. C | 23 of 106
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
In SPI control mode, the GPIOx pins, in addition to the FILTER/GPIO4 pin, form five general-purpose input/output pins
(GPIO4 to GPIO0).
16
ST0/CS
DI
Standby 0/Chip Select Input.
In pin control mode, a Logic 1 places Channel 0 to Channel 3 into standby mode.
In SPI control mode, this pin is the active low chip select input to the SPI control interface. The VCM voltage output is
associated with the Channel 0 circuitry. If Channel 0 is put into standby mode, the VCM voltage output is also disabled
for maximum power savings. Channel 0 must be enabled while VCM is being used externally to the AD7768.
17
ST1/SCLK
DI
Standby 1/Serial Clock Input.
In pin control mode, a Logic 1 on this pin places Channel 4 to Channel 7 into standby mode.
The crystal excitation circuitry is associated with the Channel 4 circuitry. If Channel 4 is placed into standby mode, the
crystal circuitry is also disabled for maximum power savings. Channel 4 must be enabled while the external crystal is
used on the AD7768.
In SPI control mode, this pin is the serial clock input pin for the SPI control interface.
18
DEC1/SDI
DI
Decimation Rate Control Input 1/Serial Data Input.
In pin control mode, the DEC0 pin and DEC1 pin configure the decimation rate for all ADC channels. See Table 17 in the
Setting the Decimation Rate section for more information.
In SPI control mode, this pin is the serial data input pin used to write data to the AD7768 register bank.
19
DEC0/SDO
DI/O
Decimation Rate Control Input 0/Serial Data Output.
In pin control mode, the DEC0 pin and DEC1 pin configure the decimation rate for all ADC channels. See Table 17 in the
Setting the Decimation Rate section for more information.
In SPI control mode, this pin is the serial data output pin, allowing readback from the AD7768 registers.
20
DOUT7
DI/O
Conversion Data Output 7. This pin is synchronous to DCLK and framed by DRDY. This pin acts as a digital input
from a separate AD7768 device if configured in a synchronized multidevice daisy chain when the FORMATx pins are
configured as 01. To use the AD7768 in a daisy chain, hardwire the FORMATx pins as 01, 10, or 11, depending on
the best interfacing format for the application. When FORMATx is set to 01, 10, or 11, and daisy-chaining is not used,
connect this pin to ground through a pull-down resistor.
21
DOUT6
DI/O
Conversion Data Output 6. This pin is synchronous to DCLK and framed by DRDY. This pin acts as a digital input
from a separate AD7768 device if configured in a synchronized multidevice daisy chain. To use this pin in a daisy
chain, hardwire the FORMATx pins as 01, 10, or 11, depending on the best interfacing format for the application. When
FORMATx is set to 01, 10, or 11, and daisy chaining is not used, connect this pin to ground through a pull-down resistor.
22
DOUT5
DO
Conversion Data Output 5. This pin is synchronous to DCLK and framed by DRDY.
23
DOUT4
DO
Conversion Data Output 4. This pin is synchronous to DCLK and framed by DRDY.
24
DOUT3
DO
Conversion Data Output 3. This pin is synchronous to DCLK and framed by DRDY.
25
DOUT2
DO
Conversion Data Output 2. This pin is synchronous to DCLK and framed by DRDY.
26
DOUT1
DO
Conversion Data Output 1. This pin is synchronous to DCLK and framed by DRDY.
27
DOUT0
DO
Conversion Data Output 0. This pin is synchronous to DCLK and framed by DRDY.
28
DCLK
DO
ADC Conversion Data Clock. This pin clocks conversion data out to the digital host (digital signal processor (DSP)/
field-programmable gate array (FPGA)). This pin is synchronous with DRDY and any conversion data output on DOUT0
to DOUT7, and is derived from the MCLK signal. This pin is unrelated to the control SPI interface.
29
DRDY
DO
Data Ready. DRDY is a periodic signal output framing the conversion results from the eight ADCs. This pin is
synchronous to DCLK and DOUT0 to DOUT7.
30
RESET
DI
Hardware Asynchronous Reset Input. After the device is fully powered up, it is recommended to perform a hard reset
using this pin or, alternatively, to perform a soft reset by issuing a reset over the SPI control interface.
31
XTAL1
DI
Input 1 for Crystal or Connection to an LVDS Clock. When CLK_SEL is 0, connect XTAL1 to DGND. In SPI control
mode, when using a crystal source, the FILTER pin must be set to Logic 1 for correct operation. The crystal excitation
circuitry is associated with the Channel 4 circuitry. If Channel 4 is put into standby mode, the crystal circuitry is also
disabled for maximum power savings. Channel 4 must be enabled while the external crystal is used on the AD7768.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com